Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5436 Datasheet(PDF) 4 Page - NEC

Part # 2SC5436
Description  NPN EPITAXIAL SILICON TRANSISTOR ULTRA SUPER MINI MOLD FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5436 Datasheet(HTML) 4 Page - NEC

  2SC5436 Datasheet HTML 1Page - NEC 2SC5436 Datasheet HTML 2Page - NEC 2SC5436 Datasheet HTML 3Page - NEC 2SC5436 Datasheet HTML 4Page - NEC 2SC5436 Datasheet HTML 5Page - NEC 2SC5436 Datasheet HTML 6Page - NEC 2SC5436 Datasheet HTML 7Page - NEC 2SC5436 Datasheet HTML 8Page - NEC 2SC5436 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2SC5436
4
Preliminary Data Sheet
2SC5436
S PARAMETER
VCE = 1.0 V, IC = 1.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.960
–16.2
3.497
164.4
0.056
77.3
0.982
–10.2
400.00
0.879
–31.5
3.179
149.8
0.106
66.6
0.909
–19.9
600.00
0.812
–49.6
2.906
135.7
0.151
57.1
0.825
–31.6
800.00
0.772
–64.5
2.738
123.0
0.184
49.3
0.775
–41.8
1000.00
0.708
–77.3
2.636
113.7
0.208
41.9
0.724
–48.3
1200.00
0.641
–89.8
2.397
105.5
0.228
35.8
0.657
–53.4
1400.00
0.591
–102.4
2.167
96.0
0.243
32.2
0.583
–58.7
1600.00
0.554
–114.4
2.048
87.6
0.245
29.9
0.521
–64.5
1800.00
0.515
–125.0
1.899
81.0
0.242
26.7
0.481
–70.2
2000.00
0.478
–137.7
1.737
74.8
0.241
22.0
0.439
–75.1
2200.00
0.473
–150.1
1.612
67.4
0.244
19.1
0.397
–80.8
2400.00
0.482
–159.1
1.536
60.8
0.246
17.9
0.372
–88.3
2600.00
0.480
–166.4
1.481
56.2
0.242
17.3
0.362
–94.8
2800.00
0.475
–173.5
1.390
52.5
0.236
17.3
0.349
–99.6
3000.00
0.479
179.1
1.295
47.6
0.230
16.4
0.331
–104.6
VCE = 1.0 V, IC = 3.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.855
–29.1
8.760
154.8
0.051
72.3
0.921
–20.4
400.00
0.702
–54.5
7.301
135.0
0.089
58.0
0.751
–37.5
600.00
0.611
–78.6
6.101
118.6
0.116
50.2
0.614
–53.1
800.00
0.532
–95.9
5.216
106.8
0.132
45.3
0.526
–63.3
1000.00
0.465
–111.3
4.546
99.1
0.144
41.8
0.444
–69.8
1200.00
0.423
–126.3
3.995
92.1
0.156
40.0
0.374
–75.5
1400.00
0.406
–138.4
3.505
84.5
0.168
40.0
0.317
–82.2
1600.00
0.390
–148.8
3.097
78.8
0.173
41.1
0.276
–89.5
1800.00
0.371
–159.7
2.755
73.9
0.177
41.0
0.245
–96.5
2000.00
0.374
–171.2
2.493
69.3
0.183
39.3
0.214
–104.4
2200.00
0.392
–179.9
2.269
63.8
0.193
37.8
0.193
–114.8
2400.00
0.404
173.9
2.126
58.6
0.204
37.4
0.187
–125.9
2600.00
0.414
168.2
2.026
55.3
0.216
38.1
0.187
–134.2
2800.00
0.423
162.7
1.882
52.9
0.221
38.8
0.183
–142.6
3000.00
0.440
158.2
1.733
48.8
0.224
38.1
0.182
–150.9
VCE = 1.0 V, IC = 5.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.766
–38.7
12.311
147.9
0.048
68.9
0.861
–27.6
400.00
0.586
–70.1
9.469
126.0
0.077
55.2
0.637
–48.2
600.00
0.497
–95.5
7.440
110.1
0.098
49.8
0.494
–64.2
800.00
0.428
–113.3
6.115
99.8
0.111
47.5
0.405
–74.0
1000.00
0.381
–129.4
5.175
93.3
0.123
46.9
0.330
–80.8
1200.00
0.364
–143.9
4.470
87.0
0.136
46.4
0.272
–87.6
1400.00
0.361
–154.3
3.888
80.5
0.150
47.1
0.231
–96.0
1600.00
0.352
–163.5
3.409
75.6
0.160
48.5
0.202
–105.2
1800.00
0.346
–173.6
3.005
71.5
0.168
48.8
0.181
–114.0
2000.00
0.359
176.8
2.711
67.3
0.177
47.3
0.161
–125.9
2200.00
0.380
170.0
2.489
61.9
0.188
45.4
0.154
–138.9
2400.00
0.396
164.9
2.300
57.7
0.203
44.4
0.161
–150.7
2600.00
0.408
160.1
2.186
54.7
0.219
44.6
0.167
–158.4
2800.00
0.420
155.4
2.028
52.6
0.227
44.9
0.174
–167.2
3000.00
0.439
151.8
1.859
49.0
0.231
43.9
0.182
–174.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com