Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5436 Datasheet(PDF) 1 Page - NEC

Part # 2SC5436
Description  NPN EPITAXIAL SILICON TRANSISTOR ULTRA SUPER MINI MOLD FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5436 Datasheet(HTML) 1 Page - NEC

  2SC5436 Datasheet HTML 1Page - NEC 2SC5436 Datasheet HTML 2Page - NEC 2SC5436 Datasheet HTML 3Page - NEC 2SC5436 Datasheet HTML 4Page - NEC 2SC5436 Datasheet HTML 5Page - NEC 2SC5436 Datasheet HTML 6Page - NEC 2SC5436 Datasheet HTML 7Page - NEC 2SC5436 Datasheet HTML 8Page - NEC 2SC5436 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©
1998
PRELIMINARY DATA SHEET
FEATURE
•
Ultra super mini-mold thin flat package
(1.4 mm
× 0.8 mm × 0.59 mm: TYP.)
•
Contains same chip as 2SC5186
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
PARAMETER
SYMBOL
RATING
UNIT
Collector to Base Voltage
VCBO
5V
Collector to Emitter Voltage
VCEO
3V
Emitter to Base Voltage
VEBO
2V
Collector Current
IC
30
mA
Total Power Dissipation
PT
90
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–65 to +150
°C
SILICON TRANSISTOR
2SC5436
NPN EPITAXIAL SILICON TRANSISTOR
ULTRA SUPER MINI MOLD FOR HIGH-FREQUENCY
LOW-NOISE AMPLIFICATION
Document No. P13079EJ1V0DS00 (1st edition)
Date Published February 1998 N CP(K)
Printed in Japan
PACKAGE DIMENSIONS (in mm)
1.4 ± 0.05
0.8 ± 0.1
1
3
2
PIN CONNECTIONS
1: Emitter
2: Base
3: Collector
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0
100
nA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0
100
nA
DC Current Gain
hFE
VCE = 2 V, IC = 20 mANote 1
70
130
Reverse Transfer Capacitance
Cre
VCB = 2 V, IE = 0, f = 1 MHzNote 2
0.4
0.8
pF
Gain Bandwidth Product (1)
fT (1)
VCE = 2 V, IC = 20 mA, f = 2 GHz
9.0
14.0
GHz
Gain Bandwidth Product (2)
fT (2)
VCE = 1 V, IC = 10 mA, f = 2 GHz
7.0
12.0
GHz
Insertion Power Gain (1)
|S21e|2 (1)
VCE = 2 V, IC = 20 mA, f = 2 GHz
8.5
10.0
dB
Insertion Power Gain (2)
|S21e|2 (2)
VCE = 1 V, IC = 10 mA, f = 2 GHz
6.0
9.0
dB
Noise Figure (1)
NF (1)
VCE = 2 V, IC = 3 mA, f = 2 GHz
1.4
2.0
dB
Noise Figure (2)
NF (2)
VCE = 1 V, IC = 3 mA, f = 2 GHz
1.4
2.0
dB
Notes 1. Pulse measurement PW
≤ 350
µs, duty cycle ≤ 2 %
2. Collector to base capacitance measured by capacitance meter (automatic balance bridge method) when
emitter pin is connected to the guard pin.
Because this product uses high-frequency process, avoid excessive input of static electricity, etc.
The information in this document is subject to change without notice.


Similar Part No. - 2SC5436

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5436 RENESAS-2SC5436 Datasheet
232Kb / 14P
NPN SILICON RF TRANSISTOR
2002
2SC5436 RENESAS-2SC5436 Datasheet
213Kb / 8P
NPN SILICON SiGe RF TWIN TRANSISTOR
2005
2SC5436 RENESAS-2SC5436 Datasheet
388Kb / 30P
NPN SILICON RF TWIN TRANSISTOR
2002
2SC5436 RENESAS-2SC5436 Datasheet
387Kb / 30P
NPN SILICON RF TWIN TRANSISTOR
2001
2SC5436-T1 RENESAS-2SC5436-T1 Datasheet
232Kb / 14P
NPN SILICON RF TRANSISTOR
2002
More results

Similar Description - 2SC5436

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4226 NEC-2SC4226 Datasheet
56Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4227 NEC-2SC4227 Datasheet
50Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4228 NEC-2SC4228 Datasheet
49Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4958 NEC-2SC4958 Datasheet
46Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4959 NEC-2SC4959 Datasheet
47Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC5180 NEC-2SC5180 Datasheet
54Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5181 NEC-2SC5181 Datasheet
50Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR IN ULTRA SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5184 NEC-2SC5184 Datasheet
58Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5185 NEC-2SC5185 Datasheet
60Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5186 NEC-2SC5186 Datasheet
58Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN ULTRA SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com