Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5436 Datasheet(PDF) 5 Page - NEC

Part # 2SC5436
Description  NPN EPITAXIAL SILICON TRANSISTOR ULTRA SUPER MINI MOLD FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5436 Datasheet(HTML) 5 Page - NEC

  2SC5436 Datasheet HTML 1Page - NEC 2SC5436 Datasheet HTML 2Page - NEC 2SC5436 Datasheet HTML 3Page - NEC 2SC5436 Datasheet HTML 4Page - NEC 2SC5436 Datasheet HTML 5Page - NEC 2SC5436 Datasheet HTML 6Page - NEC 2SC5436 Datasheet HTML 7Page - NEC 2SC5436 Datasheet HTML 8Page - NEC 2SC5436 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2SC5436
5
Preliminary Data Sheet
2SC5436
S PARAMETER
VCE = 1.0 V, IC = 7.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.678
–47.8
15.208
142.4
0.040
65.8
0.795
–34.1
400.00
0.499
–83.4
10.893
119.5
0.068
54.7
0.545
56.5
600.00
0.422
–109.1
8.182
104.1
0.086
51.6
0.408
–72.5
800.00
0.370
–127.1
6.587
95.4
0.100
51.3
0.326
–82.1
1000.00
0.340
–142.9
5.502
89.6
0.113
51.7
0.262
–89.6
1200.00
0.338
–156.1
4.726
83.9
0.127
51.6
0.215
–98.4
1400.00
0.342
–164.8
4.085
78.1
0.143
52.3
0.186
–108.4
1600.00
0.338
–173.0
3.560
73.7
0.155
53.4
0.166
–119.0
1800.00
0.338
177.9
3.132
70.0
0.165
53.6
0.153
–129.9
2000.00
0.356
169.6
2.820
66.1
0.176
52.0
0.143
–143.6
2200.00
0.378
164.0
2.585
60.9
0.188
49.6
0.146
–156.9
2400.00
0.394
159.7
2.389
57.0
0.205
58.3
0.159
–166.6
2600.00
0.407
155.2
2.266
54.3
0.222
48.1
0.171
–173.8
2800.00
0.422
151.3
2.102
52.4
0.232
48.3
0.182
178.9
3000.00
0.441
148.2
1.925
48.9
0.237
47.0
0.194
172.6
VCE = 1.0 V, IC = 10.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.590
–57.4
17.649
136.9
0.040
63.5
0.726
–40.2
400.00
0.429
–96.2
11.847
114.0
0.060
55.3
0.465
–63.8
600.00
0.369
–121.6
8.676
99.9
0.078
54.5
0.341
–79.4
800.00
0.334
–139.3
6.880
92.2
0.093
55.2
0.267
–89.2
1000.00
0.320
–154.2
5.687
87.1
0.107
56.0
0.215
–98.1
1200.00
0.327
–165.6
4.859
81.7
0.122
56.2
0.178
–108.5
1400.00
0.335
–172.7
4.189
76.2
0.139
56.5
0.158
–120.1
1600.00
0.333
–180.0
3.645
72.3
0.153
57.1
0.146
–131.9
1800.00
0.338
171.8
3.204
68.9
0.165
57.2
0.140
–143.9
2000.00
0.358
164.6
2.884
65.1
0.176
55.3
0.138
–157.9
2200.00
0.379
159.8
2.641
60.0
0.189
52.7
0.148
–169.7
2400.00
0.396
155.9
2.440
56.4
0.206
50.9
0.165
–177.6
2600.00
0.410
152.0
2.312
53.8
0.225
50.4
0.179
176.6
2800.00
0.427
148.4
2.142
52.0
0.235
50.3
0.193
170.0
3000.00
0.444
145.8
1.960
48.7
0.241
48.8
0.208
164.9
VCE = 1.0 V, IC = 20.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.418
–84.6
20.871
126.0
0.033
63.1
0.561
–52.7
400.00
0.345
–126.8
12.516
104.9
0.050
59.2
0.324
–76.6
600.00
0.326
–148.1
8.792
93.3
0.067
61.5
0.232
–92.4
800.00
0.319
–162.7
6.850
87.1
0.085
62.4
0.180
–103.1
1000.00
0.327
–174.0
5.641
82.8
0.101
63.3
0.146
–115.4
1200.00
0.344
178.7
4.797
77.9
0.118
62.8
0.130
–129.2
1400.00
0.353
174.3
4.109
73.1
0.136
62.2
0.124
–142.1
1600.00
0.354
168.6
3.580
69.7
0.153
62.0
0.125
–153.9
1800.00
0.363
162.0
3.133
66.6
0.165
61.9
0.129
–166.0
2000.00
0.386
156.7
2.827
63.0
0.178
59.7
0.139
–177.5
2200.00
0.407
153.2
2.579
58.2
0.191
56.7
0.156
173.9
2400.00
0.423
150.1
2.385
54.7
0.209
54.4
0.174
168.8
2600.00
0.438
146.7
2.260
52.4
0.228
53.6
0.191
164.7
2800.00
0.455
143.7
2.089
50.8
0.240
53.4
0.208
159.4
3000.00
0.473
141.8
1.912
47.3
0.245
51.5
0.225
155.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com