Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5436 Datasheet(PDF) 7 Page - NEC

Part # 2SC5436
Description  NPN EPITAXIAL SILICON TRANSISTOR ULTRA SUPER MINI MOLD FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5436 Datasheet(HTML) 7 Page - NEC

Back Button 2SC5436 Datasheet HTML 3Page - NEC 2SC5436 Datasheet HTML 4Page - NEC 2SC5436 Datasheet HTML 5Page - NEC 2SC5436 Datasheet HTML 6Page - NEC 2SC5436 Datasheet HTML 7Page - NEC 2SC5436 Datasheet HTML 8Page - NEC 2SC5436 Datasheet HTML 9Page - NEC 2SC5436 Datasheet HTML 10Page - NEC 2SC5436 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2SC5436
7
Preliminary Data Sheet
2SC5436
S PARAMETER
VCE = 2.0 V, IC = 5.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.787
–33.8
12.596
150.3
0.041
69.6
0.883
–23.6
400.00
0.609
–61.4
9.951
129.3
0.068
58.5
0.678
–41.2
600.00
0.508
–85.4
7.969
113.4
0.089
53.0
0.534
–55.5
800.00
0.430
–102.2
6.609
102.9
0.102
50.3
0.447
–63.8
1000.00
0.371
–117.4
5.643
96.2
0.114
49.7
0.371
–68.6
1200.00
0.339
–132.1
4.902
90.0
0.127
49.0
0.311
–72.9
1400.00
0.327
–143.7
4.268
83.5
0.140
49.5
0.261
–78.4
1600.00
0.317
–153.8
3.748
78.5
0.150
51.0
0.225
–85.0
1800.00
0.306
–164.5
3.317
74.5
0.158
51.4
0.198
–91.6
2000.00
0.314
–175.4
2.992
70.3
0.167
50.0
0.172
–99.5
2200.00
0.333
176.4
2.749
64.9
0.178
48.0
0.152
–110.0
2400.00
0.349
170.8
2.551
60.3
0.192
47.0
0.145
–122.8
2600.00
0.360
165.4
2.418
57.7
0.207
47.2
0.145
–132.1
2800.00
0.373
160.3
2.252
55.6
0.216
47.9
0.144
–142.3
3000.00
0.391
156.1
2.067
52.1
0.221
46.7
0.144
–151.7
VCE = 2.0 V, IC = 7.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.704
–41.2
15.691
145.2
0.040
68.4
0.827
–28.9
400.00
0.514
–72.8
11.586
122.7
0.061
57.3
0.589
–48.1
600.00
0.422
–97.4
8.906
107.2
0.079
54.6
0.447
–61.8
800.00
0.356
–114.6
7.201
98.2
0.092
54.0
0.364
–69.4
1000.00
0.315
–130.2
6.066
92.4
0.105
53.7
0.296
–74.0
1200.00
0.299
–144.6
5.212
86.7
0.118
54.1
0.245
–78.8
1400.00
0.298
–154.9
4.510
80.8
0.134
54.4
0.205
–85.2
1600.00
0.292
–164.2
3.937
76.4
0.146
55.6
0.176
–93.0
1800.00
0.289
–174.0
3.476
72.7
0.156
56.1
0.155
–101.2
2000.00
0.303
176.4
3.133
68.9
0.166
54.4
0.134
–111.6
2200.00
0.325
169.7
2.868
63.8
0.178
52.2
0.123
–125.2
2400.00
0.342
164.8
2.667
59.4
0.193
50.7
0.125
–139.4
2600.00
0.356
160.1
2.525
57.1
0.211
50.6
0.129
–149.1
2800.00
0.370
155.7
2.345
55.2
0.221
51.0
0.135
–159.7
3000.00
0.388
152.0
2.146
51.8
0.226
49.7
0.142
–169.0
VCE = 2.0 V, IC = 10.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.617
–49.2
18.466
139.9
0.036
65.6
0.765
–34.0
400.00
0.434
–83.8
12.811
117.3
0.055
57.7
0.511
–53.7
600.00
0.356
–108.5
9.500
102.8
0.072
57.1
0.377
–66.5
800.00
0.307
–126.1
7.569
94.8
0.086
57.3
0.302
–73.5
1000.00
0.280
–141.8
6.310
89.6
0.100
58.4
0.242
–78.0
1200.00
0.277
–155.1
5.390
84.3
0.114
58.2
0.199
–83.3
1400.00
0.282
–164.0
4.665
78.9
0.130
58.3
0.166
–90.8
1600.00
0.280
–172.3
4.068
74.8
0.144
59.0
0.143
–100.2
1800.00
0.283
178.6
3.579
71.5
0.155
59.5
0.127
–110.3
2000.00
0.300
170.4
3.220
67.9
0.167
57.5
0.112
–123.7
2200.00
0.322
164.7
2.953
63.0
0.179
55.1
0.108
–138.9
2400.00
0.340
160.4
2.740
58.7
0.195
53.3
0.116
–152.8
2600.00
0.355
156.4
2.565
56.2
0.213
52.9
0.126
–161.9
2800.00
0.371
152.2
2.403
54.8
0.225
52.9
0.135
–171.8
3000.00
0.390
149.1
2.198
51.6
0.230
51.4
0.146
–179.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com