Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5436 Datasheet(PDF) 8 Page - NEC

Part # 2SC5436
Description  NPN EPITAXIAL SILICON TRANSISTOR ULTRA SUPER MINI MOLD FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5436 Datasheet(HTML) 8 Page - NEC

Back Button 2SC5436 Datasheet HTML 4Page - NEC 2SC5436 Datasheet HTML 5Page - NEC 2SC5436 Datasheet HTML 6Page - NEC 2SC5436 Datasheet HTML 7Page - NEC 2SC5436 Datasheet HTML 8Page - NEC 2SC5436 Datasheet HTML 9Page - NEC 2SC5436 Datasheet HTML 10Page - NEC 2SC5436 Datasheet HTML 11Page - NEC 2SC5436 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2SC5436
8
Preliminary Data Sheet
2SC5436
S PARAMETER
VCE = 2.0 V, IC = 20.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.434
–70.0
22.783
129.5
0.029
64.5
0.625
–43.1
400.00
0.313
–110.0
14.092
108.0
0.045
62.6
0.374
–60.8
600.00
0.276
–133.8
10.021
95.9
0.062
63.3
0.267
–70.9
800.00
0.258
–150.7
7.839
89.6
0.079
64.2
0.210
–76.1
1000.00
0.258
–164.2
6.468
85.3
0.094
65.3
0.165
–80.1
1200.00
0.270
–173.6
5.484
80.6
0.109
64.6
0.134
–85.8
1400.00
0.281
–179.3
4.724
75.7
0.126
64.3
0.112
–95.1
1600.00
0.283
174.3
4.105
72.4
0.143
64.3
0.096
–107.2
1800.00
0.292
167.1
3.613
69.4
0.154
64.1
0.088
–121.0
2000.00
0.313
160.9
3.254
65.8
0.167
62.1
0.082
–138.8
2200.00
0.335
157.1
2.971
61.3
0.180
59.2
0.087
–156.0
2400.00
0.354
153.9
2.763
57.3
0.196
57.0
0.101
–168.3
2600.00
0.370
150.3
2.584
55.0
0.215
56.3
0.115
–176.6
2800.00
0.387
147.1
2.418
53.8
0.228
56.1
0.130
175.1
3000.00
0.406
144.9
2.215
50.6
0.233
54.5
0.145
169.0
VCE = 2.0 V, IC = 30.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.357
–83.5
23.436
125.1
0.026
64.0
0.559
–45.5
400.00
0.282
–125.0
13.927
104.5
0.042
64.8
0.324
–60.4
600.00
0.263
–146.7
9.793
93.3
0.058
65.9
0.229
–68.1
800.00
0.258
–161.7
7.627
87.6
0.075
67.1
0.181
–71.5
1000.00
0.264
–173.3
6.255
83.6
0.090
67.6
0.143
–74.0
1200.00
0.282
179.3
5.327
79.0
0.106
67.1
0.117
–78.2
1400.00
0.292
174.7
4.569
74.3
0.123
66.4
0.096
–86.2
1600.00
0.296
169.1
3.963
71.1
0.139
66.2
0.080
–98.2
1800.00
0.306
162.7
3.489
68.1
0.152
66.3
0.071
–112.8
2000.00
0.330
157.4
3.143
64.7
0.164
63.8
0.066
–132.0
2200.00
0.352
154.0
2.870
60.1
0.177
61.0
0.069
–151.7
2400.00
0.372
151.2
2.667
56.2
0.194
58.7
0.083
–166.8
2600.00
0.388
147.8
2.522
54.3
0.211
57.7
0.097
–175.3
2800.00
0.405
145.0
2.333
52.8
0.225
57.7
0.112
176.0
3000.00
0.424
143.1
2.133
49.5
0.231
56.0
0.128
169.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com