Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5436 Datasheet(PDF) 6 Page - NEC

Part # 2SC5436
Description  NPN EPITAXIAL SILICON TRANSISTOR ULTRA SUPER MINI MOLD FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5436 Datasheet(HTML) 6 Page - NEC

Back Button 2SC5436 Datasheet HTML 2Page - NEC 2SC5436 Datasheet HTML 3Page - NEC 2SC5436 Datasheet HTML 4Page - NEC 2SC5436 Datasheet HTML 5Page - NEC 2SC5436 Datasheet HTML 6Page - NEC 2SC5436 Datasheet HTML 7Page - NEC 2SC5436 Datasheet HTML 8Page - NEC 2SC5436 Datasheet HTML 9Page - NEC 2SC5436 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2SC5436
6
Preliminary Data Sheet
2SC5436
S PARAMETER
VCE = 1.0 V, IC = 30.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.374
–106.5
19.871
120.8
0.031
61.1
0.463
–57.8
400.00
0.358
–144.4
11.404
101.0
0.046
61.7
0.257
–81.0
600.00
0.355
–161.5
7.944
90.2
0.064
64.3
0.181
–96.4
800.00
0.356
–173.4
6.193
84.6
0.083
65.1
0.140
–107.7
1000.00
0.370
177.4
5.083
80.5
0.100
65.6
0.115
–121.6
1200.00
0.390
172.1
4.321
75.7
0.116
64.9
0.105
–136.6
1400.00
0.396
168.6
3.713
70.8
0.135
64.0
0.105
–150.0
1600.00
0.396
163.6
3.226
67.6
0.152
63.7
0.110
–161.7
1800.00
0.405
157.5
2.826
64.5
0.164
63.2
0.116
–173.6
2000.00
0.428
152.9
2.547
60.7
0.177
61.1
0.129
176.2
2200.00
0.448
149.8
2.299
56.5
0.191
57.9
0.147
169.0
2400.00
0.463
147.0
2.154
52.6
0.209
55.5
0.166
164.9
2600.00
0.477
143.8
2.040
50.2
0.227
54.6
0.183
161.1
2800.00
0.493
141.2
1.882
48.6
0.240
54.4
0.200
156.7
3000.00
0.511
139.4
1.725
45.0
0.245
52.7
0.217
153.5
VCE = 2.0 V, IC = 1.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.962
–14.6
3.530
165.5
0.048
79.4
0.984
–8.8
400.00
0.892
–28.5
3.230
151.9
0.090
68.8
0.922
–17.3
600.00
0.824
–45.2
2.976
138.6
0.131
59.6
0.845
–27.8
800.00
0.788
–59.4
2.820
126.3
0.162
52.3
0.802
–37.3
1000.00
0.728
–71.3
2.743
117.4
0.184
45.2
0.761
–43.3
1200.00
0.661
–82.8
2.519
109.6
0.203
39.3
0.699
–47.7
1400.00
0.604
–94.9
2.278
100.5
0.219
35.8
0.626
–52.3
1600.00
0.562
–106.7
2.162
92.0
0.223
33.5
0.564
–57.5
1800.00
0.521
–117.1
2.019
85.4
0.221
30.4
0.523
–62.7
2000.00
0.477
–129.4
1.854
79.2
0.220
25.9
0.482
–67.2
2200.00
0.463
–142.2
1.727
71.8
0.224
23.0
0.441
–71.7
2400.00
0.469
–152.0
1.643
65.2
0.227
21.7
0.411
–78.3
2600.00
0.465
–159.7
1.591
60.5
0.225
21.4
0.398
–84.4
2800.00
0.457
–167.1
1.497
56.7
0.220
21.6
0.385
–88.7
3000.00
0.457
–175.1
1.400
52.1
0.214
20.7
0.363
–92.8
VCE = 2.0 V, IC = 3.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.870
–25.6
8.863
156.7
0.044
73.4
0.935
–17.4
400.00
0.724
–48.2
7.556
138.0
0.078
61.2
0.784
–32.2
600.00
0.628
–70.6
6.416
122.1
0.105
53.1
0.652
–46.2
800.00
0.548
–86.8
5.549
110.2
0.120
48.2
0.568
–55.6
1000.00
0.473
–101.0
4.883
102.4
0.132
45.3
0.490
–60.9
1200.00
0.418
–115.3
4.315
95.6
0.144
43.1
0.420
–65.1
1400.00
0.390
–127.8
3.805
88.0
0.156
43.1
0.358
–69.9
1600.00
0.370
–138.8
3.375
82.1
0.162
44.2
0.311
–75.6
1800.00
0.346
–149.9
3.007
77.3
0.166
44.1
0.277
–81.1
2000.00
0.341
–162.2
2.727
72.6
0.172
42.3
0.245
–86.6
2200.00
0.354
–172.3
2.511
66.6
0.181
40.8
0.215
–93.9
2400.00
0.367
–179.2
2.331
62.1
0.193
40.4
0.199
–103.4
2600.00
0.376
174.5
2.225
58.6
0.205
41.2
0.193
–111.5
2800.00
0.383
168.5
2.073
56.0
0.211
41.8
0.181
–118.7
3000.00
0.397
163.2
1.911
52.3
0.213
41.4
0.174
–126.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com