Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM83049 Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM83049
Description  KEYBOARD ENCODER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83049 Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM83049 Datasheet HTML 1Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 2Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 3Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 4Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 5Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 6Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 7Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 8Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
* This specification are subject to be changed without notice.
EM83049
KEYBOARD ENCODER
5.2.1997
FUNCTION DESCRIPTIONS
Keyboard buffer
The keyboard will buffer 16 bytes in a first-in-first-out order when the system is able to receive scan codes
from the keyboard. The response codes and repeated codes will not be buffered. If keystrokes generate a
multiple-byte sequence, the entire sequence must fit into the buffer or the keystroke is discarded and a buffer-
overrun condition occurs.
Power-on Reset and self test
The duration of the keyboard Power-on-Reset(POR) should be within 150 milliseconds and 2 seconds after
the power is applied to the keyboard.
After executing POR , the keyboard executes a self test. The LEDs are turned on at the beginning and off at
the end of the self test. The self test takes a minimum 300 milliseconds and a maximum 500 milliseconds.
If the self test is successful, a completion code AA hex is sent to the system and the keyboard starts scanning.
If the self test fails, and error code is sent, the keyboard is disabled and waits for a command from the system.
The completion codes are sent between 450 milliseconds and 2.5 seconds after POR, and between 300 and
500 milliseconds after a RESET command is acknowledged.
Keyboard data output
When the keyboard is ready to send data to the system, it first checks clock and data lines. If either one is in
the low state, data is stored in the keyboard buffer. If both are in the high state, keyboard starts clocking data
out. Data will be valid before the trailing edge and after the leading edge of the clock pulse. During the
transmission the keyboard checks the clock line at least every 60 microseconds . If the system lowers the clock
lines before the leading edge of the 10th clock, the keyboard should stop sending, then buffer the data and
return clock and data lines to high state.
Keyboard data input
When the system is ready to send data to the keyboard, it first checks clock line to see if keyboard is sending
data. If keyboard is not sending data or it is sending data but has not reached the 10th clock, the system can
inhibit the interface by forcing the clock line low for more than 60 microseconds and prepares to send data.
The keyboard checks clock line status at least every 5 milliseconds. If a system Request to Send(RTS) is
detected, the keyboard clocks 11 bits in. After the 10th bit, the keyboard checks for a high state in data line
then pulls it low and clocks one more bit to signal the system that data has been received. If data is low after
the 10th bit, it indicates a frame error. The keyboard should continue to count until data line goes high, then
pulls it low and issues a RESEND to the system.
Command from the system
The system can send commands to the keyboard at any time. The keyboard needs to respond within 20
milliseconds, unless the system prevents keyboard output, when doing self test or executing a RESET.
The following are the keyboard input commands and the actions that keyboard needs to take.
Set /Reset Status indicators ( Hex ED )
- Responds ACK.
- Receives option byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com