Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM83049 Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # EM83049
Description  KEYBOARD ENCODER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83049 Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EM83049 Datasheet HTML 8Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 9Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 10Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 11Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 12Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 13Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 14Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 15Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
* This specification are subject to be changed without notice.
EM83049
KEYBOARD ENCODER
12
5.2.1997
Key number
Make Code
Break Code
Default Key State
37
3B
F0 3B
Typematic
38
42
F0 42
Typematic
39
4B
F0 4B
Typematic
40
4C
F0 4C
Typematic
41
52
F0 52
Typematic
42 @10
53
F0 53
Typematic
43
5A
F0 5A
Typematic
44
12
F0 12
Make/Break
45 @10
13
F0 13
Typematic
46
1A
F0 1A
Typematic
47
22
F0 22
Typematic
48
21
F0 21
Typematic
49
2A
F0 2A
Typematic
50
32
F0 32
Typematic
51
31
F0 31
Typematic
52
3A
F0 3A
Typematic
53
41
F0 41
Typematic
54
49
F0 49
Typematic
55
4A
F0 4A
Typematic
57
59
F0 59
Make/Break
58
11
F0 11
Make/Break
60
19
F0 19
Make/Break
61
29
F0 29
Typematic
62
39
F0 39
Make only
64
58
F0 58
Make only
75
67
F0 67
Make only
76
64
F0 64
Typematic
79
61
F0 61
Typematic
80
6E
F0 6E
Make only
81
65
F0 65
Make only
83
63
F0 63
Typematic
84
60
F0 60
Typematic
85
6F
F0 6F
Make only
86
6D
F0 6D
Make only
89
6A
F0 6A
Typematic
90
76
F0 76
Make only
91
6C
F0 6C
Make only
92
6B
F0 6B
Make only
93
69
F0 69
Make only
95
77
F0 77
Make only
96
75
F0 75
Make only
97
73
F0 73
Make only
98
72
F0 72
Make only
99
70
F0 70
Make only
100
7E
F0 7E
Make only
101
7D
F0 7D
Make only
102
74
F0 74
Make only
103
7A
F0 7A
Make only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com