Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM83049 Datasheet(PDF) 17 Page - ELAN Microelectronics Corp

Part # EM83049
Description  KEYBOARD ENCODER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83049 Datasheet(HTML) 17 Page - ELAN Microelectronics Corp

Back Button EM83049 Datasheet HTML 9Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 10Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 11Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 12Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 13Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 14Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 15Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 16Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 17Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
17
* This specification are subject to be changed without notice.
EM83049
KEYBOARD ENCODER
5.2.1997
TIMING DIAGRAMS
CLK
DATA
1ST
CLK
2nd
CLK
10th
CLK
11th
CLK
T1
T3
T4
T2
T5
Start Bit
Bit 0
Parity Bit
Stop Bit
Fig 3. Keyboard output data timings
CLK
DATA
Start Bit
1ST
CLK
2nd
CLK
9th
CLK
10th
CLK
11th
CLK
Parity Bit
Stop Bit
Bit 0
T3
T4
T6
I/O
Inhibit
Fig 4. Keyboard input data timings
APPLICATION CIRCUIT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VSS
NC
DATA
CLK
P90
P91
NC
NC
XT
NC
P50
P51
P52
P53
P54
P55
P56
P57
P80
P81
OSCO
R-OSCI
VDD
CAPS
NUM
SCROLL
P67
P66
P65
P64
P63
P62
P61
P60
P87
P86
P85
P84
P83
P82
SCROLL
NUM
CAPS
R7
R6
R5
R4
R3
R2
R1
R0
C15
C14
C13
C12
C11
C10
C0
C1
C2
C3
C4
C5
C6
C7
C8
C9
C0
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
C15
C16
C17
R0
126
017
018
019
020
023
024
025
026
125
014
091
096
101
106
KL
DATA
CLK
C16
C17
U1
VCC
10µ
51K
EM83049
R1
016
030
114
021
022
028
118
027
015
092
097
102
107
044
LWIN
R2
031
032
033
034
037
038
039
040
029
093
098
103
108
057
RWIN
R3
110
045
115
035
036
117
041
060
122
061
099
104
083
R4
064
046
047
048
049
052
053
054
042
043
090
095
100
R5
131
132
133
050
051
056
APP
055
062
123
084
089
105
079
R6
058
001
112
113
006
007
013
119
012
120
076
075
085
080
KR
R7
116
002
003
004
005
008
009
010
011
124
121
086
081
XT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com