Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM83049 Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # EM83049
Description  KEYBOARD ENCODER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83049 Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  EM83049 Datasheet HTML 1Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 2Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 3Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 4Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 5Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 6Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 7Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 8Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
* This specification are subject to be changed without notice.
EM83049
KEYBOARD ENCODER
5.2.1997
EM83049
KEYBOARD ENCODER
GENERAL DESCRIPTION
The EM83049 microcontroller is dedicated to a keyboard encoder ,specially designed for IBM PC AT,XT and
all compatible machines. The EM83049 controll all scan codes, three LEDs status, scan timing and communications
between the keyboard and PC. It is easy to implement a high performance, low cost keyboard with the minimal
external components.
FEATURES
• Low cost - eliminate need external components.
• Phantom key detects.
• RC oscillator ( 1.8432MHz ).
• Support scan code set 1 ,2 and 3.
• Support PC AT,XT and PS/2 keyboard .
• Low power CMOS device technology.
• Internal pull-up resistor.
• Tri-state outputs for easy board application.
• 40 Pin DIP package.
• Built-in 4K ROM.
• Support WINDOWSTM keys.
• 101/102/104 keys or other special application keyboard encoder.
• WINDOWS is registered trademarks of Microsoft corperation.
APPLICATION
• IBM PC/AT,XT or compatible machine keyboard.
• IBM PS/2 model 30,50,60,80 or compatible machine keyboard.
• Japanese keyboard.
• Korean keyboard.
PIN ASSIGNMENTS
VSS
NC
DATA
CLK
P90
P91
NC
NC
XT
NC
P50
P51
P52
P53
P54
P55
P56
P57
P80
P81
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
OSCO
OSCR
VDD
CAPS
NUM
SCROLL
P67
P66
P65
P64
P63
P62
P61
P60
P87
P86
P85
P84
P83
P82
EM83049


Similar Part No. - EM83049

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83040 EMC-EM83040 Datasheet
289Kb / 20P
EM83040 LCD DRIVER
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
LCD CONTROLLER
EM83040AAQ EMC-EM83040AAQ Datasheet
948Kb / 16P
LCD CONTROLLER
EM83040ABQ EMC-EM83040ABQ Datasheet
948Kb / 16P
LCD CONTROLLER
EM83040AQ EMC-EM83040AQ Datasheet
289Kb / 20P
EM83040 LCD DRIVER
More results

Similar Description - EM83049

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
KEYBOARD ENCODER
EM83053A EMC-EM83053A Datasheet
210Kb / 24P
KEYBOARD ENCODER
EM83055H EMC-EM83055H Datasheet
197Kb / 22P
KEYBOARD ENCODER
EM83100A EMC-EM83100A Datasheet
147Kb / 6P
RF KEYBOARD ENCODER
EM83110A EMC-EM83110A Datasheet
167Kb / 16P
RF KEYBOARD ENCODER
logo
Holtek Semiconductor In...
HT82K28A HOLTEK-HT82K28A Datasheet
143Kb / 20P
Win98 Keyboard Encoder
February 16, 2000
logo
List of Unclassifed Man...
SC83053 ETC-SC83053 Datasheet
483Kb / 27P
KEYBOARD ENCODER
logo
ELAN Microelectronics C...
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
Keyboard Encoder
logo
List of Unclassifed Man...
AY53600 ETC1-AY53600 Datasheet
249Kb / 6P
Keyboard Encoder
AY-5-3600 ETC1-AY-5-3600 Datasheet
249Kb / 6P
Keyboard Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com