Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM83049 Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM83049
Description  KEYBOARD ENCODER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83049 Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM83049 Datasheet HTML 4Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 5Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 6Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 7Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 8Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 9Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 10Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 11Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
* This specification are subject to be changed without notice.
EM83049
KEYBOARD ENCODER
8
5.2.1997
Key Number
Make code
Break code
Key Number
Make code
Break code
23
16
96
98
50
D0
24
17
97
99
52
D2
25
18
98
100
37
B7
26
19
99
101
49
C9
27
1A
9A
102
4D
CD
28
1B
9B
103
51
D1
29 @1
2B
AB
104
53
D3
30
3A
BA
105
4A
CA
31
1E
9E
106
4E
CE
32
1F
9F
108
E0 1C
E0 9C
33
20
A0
110
01
81
34
21
A1
112
3B
BB
35
22
A2
113
3C
BC
36
23
A3
114
3D
BD
37
24
A4
115
3E
BE
38
25
A5
116
3F
BF
39
26
A6
117
40
C0
40
27
A7
118
41
C1
41
28
A8
119
42
C2
42 @2
2B
AB
120
43
C3
43
1C
9C
121
44
C4
44
2A
AA
122
57
D7
45 @2
56
D6
123
58
D8
46
2C
AC
125
46
C6
Key No.
Base Case,or Shift + Nun Lock
Shift Case @3
Num Lock
Make/Break
Make/Break
Make/Break
75
E0 52 / E0 D2
E0 AA E0 52
E0 2A E0 52
/ E0 D2 E0 2A
/ E0 D2 E0 AA
76
E0 53 / E0 D3
E0 AA E0 53
E0 2A E0 53
/ E0 D3 E0 2A
/ E0 D3 E0 AA
79
E0 4B / E0 CB
E0 AA E0 4B
E0 2A E0 4B
/ E0 CB E0 2A
/ E0 CB E0 AA
80
E0 47 / E0 C7
E0 AA E0 47
E0 2A E0 47
/ E0 C7 E0 2A
/ E0 C7 E0 AA
81
E0 4F / E0 CF
E0 AA E0 4F
E0 2A E0 4F
/ E0 CF E0 2A
/ E0 CF E0 AA
83
E0 48 / E0 C8
E0 AA E0 48
E0 2A E0 48
/ E0 C8 E0 2A
/ E0 C8 E0 AA
84
E0 50 / E0 D0
E0 AA E0 50
E0 2A E0 50
/ E0 D0 E0 2A
/ E0 D0 E0 AA
85
E0 49 / E0 C9
E0 AA E0 49
E0 2A E0 49
/ E0 C9 E0 2A
/ E0 C9 E0 AA
86
E0 51 / E0 D1
E0 AA E0 51
E0 2A E0 51
/ E0 D1 E0 2A
/ E0 D1 E0 AA
89
E0 4D / ED CD
E0 AA E0 4D
E0 2A E0 4D
/ E0 CD E0 2A
/ E0 CD E0 AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com