Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM83049 Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM83049
Description  KEYBOARD ENCODER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83049 Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM83049 Datasheet HTML 3Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 4Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 5Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 6Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 7Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 8Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 9Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 10Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
* This specification are subject to be changed without notice.
EM83049
KEYBOARD ENCODER
5.2.1997
Keyboards ID ( Hex 83AB )
The 2 byte ID is issued to respond to READ ID command. The low byte is sent first, followed by the high byte.
Keyboard buffer Overrun ( Hex 00 or FF )
If keyboard buffer overflows, the overrun code will replace the last byte in the buffer. If the keyboard is using
scan code set 1 , the code is hex FF. For sets 2 and 3, the code is hex 00.
Resend ( Hex FE )
When the keyboard receives an invalid input or any input with incorrect parity, the RESEND command is sent.
Keyboard Scan Code Table
The keyboard contains 3 scan code sets. The system defaults to scan code set 2, but can be switched to set 1 or
set 3 . The following tables show the key numbers and three scan code sets in hexadecimal values. All the keys
are typematics except for the pause key. When a key is pressed down, the make scan code is sent to the
system. When the key is released, its break code is sent. If two or more keys are held down, only the last key
pressed repeats at the typematic rate. Typematic operation stops when the last pressed key is released, even if
other keys are being released or some other keys are still held down.
The following table shows three scan code sets used in the keyboard.
scan code set 1
Key Number
Make code
Break code
Key Number
Make code
Break code
1
29
A9
47
2D
AD
202
82
48
2E
AE
303
83
49
2F
AF
4
04
84
50
30
B0
5
05
85
51
31
B1
6
06
86
52
32
B2
7
07
87
53
33
B3
8
08
88
54
34
B4
9
09
89
55
35
B5
10
0A
8A
57
36
B6
11
0B
8B
58
1D
9D
12
0C
8C
60
38
B8
13
0D
8D
61
39
B9
15
0E
8E
62
E0 38
E0 B8
16
0F
8F
64
E0 1D
E0 9D
17
10
90
90
45
C5
18
11
91
91
47
C7
19
12
92
92
4B
CB
20
13
93
93
4F
CF
21
14
94
96
48
C8
22
15
95
97
4C
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com