Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # RC2012
Description  Passive components sales offices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button RC2012 Datasheet HTML 3Page - Samsung semiconductor RC2012 Datasheet HTML 4Page - Samsung semiconductor RC2012 Datasheet HTML 5Page - Samsung semiconductor RC2012 Datasheet HTML 6Page - Samsung semiconductor RC2012 Datasheet HTML 7Page - Samsung semiconductor RC2012 Datasheet HTML 8Page - Samsung semiconductor RC2012 Datasheet HTML 9Page - Samsung semiconductor RC2012 Datasheet HTML 10Page - Samsung semiconductor RC2012 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
-55
℃ ~ +155℃
70
℃
L
W
W
L
Jumper
12
13
The rated power is the maximum continuous loading power at 70
℃ ambient temperature.
For ambient temperature above 70
℃, the loading power follows the below power derating curve.
(The load current shall be derated according to derating curve in case of the 'Jumper')
0 0 0
0.20±0.02
0.30±0.03
0.50±0.05
0.80±0.10
1.25±0.15
1.60±0.15
2.55±0.20
2.50±0.20
3.20±0.20
1.00±0.10
1.00±0.10
1.60±0.10
1.00±0.10
1.00±0.10
1.00±0.10
1.00±0.10
1.00±0.10
1.00±0.10
0.60±0.05
0.60±0.05
0.60±0.05
0.60±0.05
0.13±0.02
0.23±0.03
0.35±0.05
0.45±0.10
0.50±0.10
0.55±0.10
0.55±0.10
0.55±0.10
0.55±0.10
0.35±0.10
0.35±0.10
0.50±0.10
0.35±0.10
0.40±0.10
0.35±0.10
0.45±0.10
0.35±0.10
0.45±0.10
0.23±0.10
0.23±0.10
0.23±0.10
0.23±0.10
0.10±0.03
0.10±0.05
0.20±0.10
0.30±0.20
0.40±0.20
0.45±0.20
0.45±0.20
0.60±0.20
0.60±0.20
0.20±0.10
0.15±0.10
0.30±0.15
0.15±0.10
0.15±0.10
0.15±0.10
0.15±0.10
-
-
0.10±0.10
0.10±0.10
0.10±0.10
0.10±0.10
0.10±0.03
0.15±0.05
0.25±0.10
0.35±0.10
0.35±0.20
0.40±0.20
0.40±0.20
0.60±0.20
0.60±0.20
0.25±0.10
0.25±0.10
0.30±0.15
0.25±0.15
0.25±0.15
0.25±0.15
0.25±0.15
0.25±0.15
0.25±0.15
0.20±0.10
0.20±0.10
0.20±0.10
0.20±0.10
RC0402
RC0603
RC1005
RC1608
RC2012
RC3216
RC3225
RC5025
RC6432
RP102P
RP104P
RP164P
RN102P
RN104P
RM102P
RM104P
RK102P
RK104P
RF062P
RF064P
RM062P
RM064P
Type
01005
0201
0402
0603
0805
1206
1210
2010
2512
0402x2R
0402x4R
0603x4R
0402x2R
0402x4R
0402x2R
0402x4R
0402x2R
0402x4R
0201x2R
0201x4R
0201x2R
0201x4R
Inch
0.40±0.02
0.60±0.03
1.00±0.05
1.60±0.10
2.00±0.15
3.20±0.15
3.20±0.20
5.00±0.20
6.30±0.20
1.00±0.10
2.00±0.10
3.20±0.10
1.00±0.10
2.00±0.10
1.00±0.10
2.00±0.10
1.00±0.10
2.00±0.10
0.80±0.05
1.40±0.05
0.80±0.05
1.40±0.05
LW
H
I1
I2
Average
Weight
•Very small, thin, and light weight.
•Both flow and reflow soldering are applicable.
•Very low inductance.
•Suitable size and packaging for surface mount assembly.
•100 % Lead-free product(Except RP series).
•General purpose.
•Home Appliances.
(DVD, Digital TV, Digital Camera, Audio, Tunner).
•For Computers & Communications.
(Notebook, Memory Module, Mobile, Network Equipment, etc).
0.04
㎎
0.15
㎎
0.6
㎎
2.1
㎎
4.9
㎎
9.5
㎎
16
㎎
26
㎎
41
㎎
1.1
㎎
2.2
㎎
8.9
㎎
1.2
㎎
2.8
㎎
1.2
㎎
2.8
㎎
1.2
㎎
2.8
㎎
0.3
㎎
0.5
㎎
0.3
㎎
0.5
㎎
•The part number system shall be in the following format
(UNIT: mm)
R C: General
R P : Convex Array
RN : Concave Array
RM: Inverted Array
RK : Inverted Short-
free Array
R F : Flat Array
Code Designation
R C
2 0 1 2
J
Dimension & Size Code
Tolerance
0402: 0.4
×0.2(㎜) - 01005(inch)
0603: 0.6
×0.3(㎜) - 0201(inch)
1005: 1.0
×0.5(㎜) - 0402(inch)
1608: 1.6
×0.8(㎜) - 0603(inch)
2012: 2.0
×1.2(㎜) - 0805(inch)
3216: 3.2
×1.6(㎜) - 1206(inch)
3225: 3.2
×2.5(㎜) - 1210(inch)
5025: 5.0
×2.5(㎜) - 2010(inch)
6432: 6.4
×3.2(㎜) - 2512(inch)
102P: 1.0
×1.0(㎜) - 0404(inch)
104P: 2.0
×1.0(㎜) - 0804(inch)
164P: 3.2
×1.6(㎜) - 1206(inch)
J : Max 50
Ω
Jumper: 000
CS
Resistance Value
Packaging Code
GS: Bulk Packing
CS: Tape & Reel 7"
E S:Tape & Reel 10"
AS: Tape & Reel 13"
Feature
Power Derating Curve
Application
Structure and Dimensions
Parts Numbering System
100
80
60
40
20
0
Operation area
-55
-40
0
40
80
120
Ambient Temperature(
℃)
Ambient Temperature(
℃)
70
125
Operation area
<1005~6432, 1005 Array, 1608 Array>
<0402, 0603, 0603 Array>
-55
-30
0
30
60
90
120
150
70
155
100
80
60
40
20
0
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
W
H
L
I2
<RC Series>
0
00
00
0
-
-
-
-
-
-
-
-
-
0.33±0.10
0.40±0.15
0.60±0.15
0.30±0.10
0.30±0.10
0.30±0.10
0.30±0.10
0.30±0.10
0.30±0.10
0.20±0.10
0.20±0.10
0.20±0.10
0.20±0.10
A1
A2
P
Jumper Resistors
RC0402
RC0603
RC1005
RC1608
RC2012
RC3216
RC3225
RC5025
RC6432
RP102P
RP104P
RP164P
RN102P
RN104P
RM102P
RM104P
RK102P
RK104P
RF062P
RF064P
RM062P
RM064P
Type
50
Ωmax
Resistance
2.0 (A)
0.5 (A)
Current Rating
70
℃
Rated Ambient
Temperature
-55
℃ ~ +155℃
O
X
O
O
X
X
O
X
O
X
X
X
Rated Working
Temperature
Marking
50
Ωmax
<RP Series>
<RN Series>
0
00
00
0
L
A2
P
P
-55
℃ ~ +125℃
<RM Series>
<RK Series>
-
-
-
-
-
-
-
-
-
-
0.30±0.15
0.40±0.15
-
0.30±0.10
-
0.30±0.10
-
0.30±0.10
-
0.20±0.10
-
0.20±0.10
-
-
-
-
-
-
-
-
-
0.65±0.10
0.50±0.15
0.80±0.15
0.50±0.10
0.50±0.10
0.50±0.10
0.50±0.10
0.50±0.10
0.50±0.10
0.50±0.05
0.40±0.05
0.50±0.05
0.40±0.05
1.0 (A)
70
℃
70
℃
70
℃
70
℃
70
℃
70
℃
-55
℃ ~ +155℃
-55
℃ ~ +155℃
-55
℃ ~ +155℃
-55
℃ ~ +155℃
-55
℃ ~ +125℃
-55
℃ ~ +125℃
50
Ωmax
50
Ωmax
50
Ωmax
50
Ωmax
50
Ωmax
1.0 (A)
1.0 (A)
1.0 (A)
0.5 (A)
0.5 (A)
L
A2
A1
A1
0
00
00
0
I1
W
W
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RUT Series)
Ultra Low ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RJ Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Anti-Sulfur
Resistors
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value
0
00
00
0
0.5 (A)
50
Ωmax
50
Ωmax
1.0 (A)
70
℃
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com