Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # RC2012
Description  Passive components sales offices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button RC2012 Datasheet HTML 7Page - Samsung semiconductor RC2012 Datasheet HTML 8Page - Samsung semiconductor RC2012 Datasheet HTML 9Page - Samsung semiconductor RC2012 Datasheet HTML 10Page - Samsung semiconductor RC2012 Datasheet HTML 11Page - Samsung semiconductor RC2012 Datasheet HTML 12Page - Samsung semiconductor RC2012 Datasheet HTML 13Page - Samsung semiconductor RC2012 Datasheet HTML 14Page - Samsung semiconductor RC2012 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Resistance Value Table
Code
Tol
(%)
Value
(Ω)
R005
R006
R007
R008
R009
R010
R011
R012
0.005
0.006
0.007
0.008
0.009
0.01
0.011
0.012
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
Code
Tol
(%)
Value
(Ω)
R013
R015
R016
R018
R020
R022
R024
R027
0.013
0.015
0.016
0.018
0.02
0.022
0.024
0.027
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
Code
Tol
(%)
Value
(Ω)
R030
R033
R036
R039
R040
R043
R047
R050
0.03
0.033
0.036
0.039
0.04
0.043
0.047
0.05
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
Code
Tol
(%)
Value
(Ω)
R051
R056
R062
R068
R075
R082
R091
R100
0.051
0.056
0.062
0.068
0.075
0.082
0.091
0.1
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
•Rated Current (A) =
Rated Power(W) / Nominal Resistance Value(
Ω)
Please contact our sales representatives or production engineer for lower T.C.R or higher rated power products.
√
20
21
•Thick Film Wide Terminal Type.
•High Precision Reliability.
•High Power with Low TCR.
•100% Lead Free Products (PbO not used).
•RoHS Compliant.
Feature
Ultra Low Ohms(RJ Series)
0.25±0.15
0.30±0.15
0.35±0.20
0.45±0.20
0.60±0.20
RJO816
RJ1220
RJ1632
RJ2037
RJ3264
Type
Inch
0.80±0.10
1.25±0.10
1.60±0.15
2.00±0.15
3.20±0.20
LW
H
I1
I2
Average
Weight
(UNIT: mm)
R010
RJ : Thick Film
Wide Terminal
CSR
Code Designation
R U K
1608
F
Dimension & Size Code
Tolerance
0816 : 0.8
×1.6(㎜) - 0306(inch)
1220 : 1.2
×2.0(㎜) - 0508(inch)
1632 : 1.6
×3.2(㎜) - 0612(inch)
2037 : 2.0
×3.7(㎜) - 0815(inch)
3264 : 3.2
×6.4(㎜) - 1225(inch)
F: ±1%
G: ±2%
J: ±5%
4-digits coding system
CS
Resistance Value
Packaging Code
CS: Tape & Reel 7"
ES : Tape & Reel 10"
AS: Tape & Reel 13"
CS
Packaging Code
0306
0508
0612
0815
1225
1.60±0.10
2.00±0.10
3.20±0.15
3.75±0.15
6.40±0.20
0.45±0.15
0.55±0.15
0.55+0.15
0.55+0.15
0.55+0.15
0.30±0.15
0.35±0.15
0.40±0.20
0.55±0.20
0.60±0.20
2.3
㎎
5
㎎
10
㎎
15
㎎
40
㎎
•Current Sensing.
•PCM of Battery Pack.
•DC Power Charger, Adapter.
•Mobile Phone, Mobile PC, HDD, DSC, LCD.
Application
Structure and Dimensions
•The part number system shall be in the following format
Parts Numbering System
-55
℃~+155℃
70
℃
Type
Power
Rating
(W)
Rated
Current
(A)
T.C.R
(ppm/℃)
Rated
Ambient
Temperature
Rated
Working
Temperature
The rated power is the maximum continuous loading
power at 70℃ ambient temperature.
For ambient temperature above 70℃, the loading power
follows the below power derating curve.
- R means decimal point.
- Other digits represent
significant value.
- Example : R010
R010 = .010 = 0.010
Ω
= 0.01
Ω or 10 mΩ
4-digits coding system
R
R0
01
10
0
RJ0618(0306)
RJ1220(0508)
RJ1632(0612)
RJ2037(0815)
RJ3264(1225)
1/2
(0.5)
1
1
1
2
Specification
Power Derating Curve
Marking
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
L
H
W
R
R0
01
10
0
100
80
60
40
20
0
Operation area
-55
-30
0
30
60
90
120
150
Ambient Temperature(
℃)
70
155
±100
Resistance
Range
(Ω)
P/R
0.005~0.1
(5m~100m)
I1
I2
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RUT Series)
Ultra Low ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RJ Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Anti-Sulfur
Resistors
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value
<Top View>
<Bottom View>
<Side View>
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com