Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012 Datasheet(PDF) 19 Page - Samsung semiconductor

Part # RC2012
Description  Passive components sales offices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012 Datasheet(HTML) 19 Page - Samsung semiconductor

Back Button RC2012 Datasheet HTML 12Page - Samsung semiconductor RC2012 Datasheet HTML 13Page - Samsung semiconductor RC2012 Datasheet HTML 14Page - Samsung semiconductor RC2012 Datasheet HTML 15Page - Samsung semiconductor RC2012 Datasheet HTML 16Page - Samsung semiconductor RC2012 Datasheet HTML 17Page - Samsung semiconductor RC2012 Datasheet HTML 18Page - Samsung semiconductor RC2012 Datasheet HTML 19Page - Samsung semiconductor RC2012 Datasheet HTML 20Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
36
37
Standard Resistance
Value
Digit Number
IEC-Code System
Specification
Tolerance Code
K
E-12
±10%
J
E-24
±5%
G
E-48
±2%
F
E-96
±1%
D
4 digit
3 digit
E-192
±0.5%
M
E-6
±20%
100
101
102
104
105
106
107
109
110
111
113
114
115
117
118
120
121
123
124
126
127
129
130
132
133
135
137
138
140
142
143
145
147
149
150
152
154
156
158
160
162
164
165
167
169
172
174
176
100
102
105
107
110
113
115
118
121
124
127
130
133
137
140
143
147
150
154
158
162
165
169
174
100
105
110
115
121
127
133
140
147
154
162
169
10
11
12
13
15
16
E-192
E-96
E-48
E-24
178
180
182
184
187
189
191
193
196
198
200
203
205
208
210
213
215
218
221
223
226
229
232
234
237
240
243
246
249
252
255
258
261
264
267
271
274
277
280
284
287
291
294
298
301
305
309
312
178
182
187
191
196
200
205
210
215
221
226
232
237
243
249
255
261
267
274
280
287
294
301
309
178
187
196
205
215
226
237
249
261
274
287
301
18
20
22
24
27
30
E-192
E-96
E-48
E-24
316
320
324
328
332
336
340
344
348
352
357
361
365
370
374
379
383
388
392
397
402
407
412
417
422
427
432
437
442
448
453
459
464
470
475
481
487
493
499
505
511
517
523
530
536
542
549
556
316
324
332
340
348
357
365
374
383
392
402
412
422
432
442
453
464
475
487
499
511
523
536
549
316
332
348
365
383
402
422
442
464
487
511
536
33
36
39
43
47
51
E-192
E-96
E-48
E-24
562
569
576
583
590
597
604
612
619
626
634
642
649
657
665
673
681
690
698
706
715
723
732
741
750
759
768
777
787
796
806
816
825
835
845
856
866
876
887
898
909
920
931
942
953
965
976
988
562
576
590
604
619
634
649
665
681
698
715
732
750
768
787
806
825
845
866
887
909
931
953
976
562
590
619
649
681
715
750
787
825
866
909
953
56
62
68
75
82
91
E-192
E-96
E-48
E-24
•Example
E-6 series ±20%
80
Ω
90
Ω
95
Ω
100
Ω
105
Ω
110
Ω
120
Ω
E-12 series ±10%
E-24 series ±5%
E-96 series ±1%
101
Ω
99
Ω
Tolerance Code Table
Significant Figure of Resistance Value
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RUT Series)
Ultra Low ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RJ Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Anti-Sulfur
Resistors
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com