Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012 Datasheet(PDF) 15 Page - Samsung semiconductor

Part # RC2012
Description  Passive components sales offices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012 Datasheet(HTML) 15 Page - Samsung semiconductor

Back Button RC2012 Datasheet HTML 11Page - Samsung semiconductor RC2012 Datasheet HTML 12Page - Samsung semiconductor RC2012 Datasheet HTML 13Page - Samsung semiconductor RC2012 Datasheet HTML 14Page - Samsung semiconductor RC2012 Datasheet HTML 15Page - Samsung semiconductor RC2012 Datasheet HTML 16Page - Samsung semiconductor RC2012 Datasheet HTML 17Page - Samsung semiconductor RC2012 Datasheet HTML 18Page - Samsung semiconductor RC2012 Datasheet HTML 19Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
28
29
Anti-Sulfur Resistors
±250
1
Ω~10
-55
℃~+125℃
70
℃
RC 0603
RC 1005
RC 1608
RC 2012
RC 3216
RC 3225
RC 5025
RC 6432
062P
064P
102P
104P
164P
Type
Power
Rating
(W)
Working
Voltage
(MAX)
Overload
Voltage
(MAX)
TCR (ppm/℃)
Resistance
Range (Ω)
Rated
Ambient
Temperature
Rated
Working
Temperature
•
Rated voltage (V) =
Rated voltage should not exceed the working voltage.
√Rated power(W)×Nominal resistance value (R)
The rated power is the maximum continuous loading power at 70℃ ambient temperature.
For ambient temperature above 70℃, the loading power follows the below power derating curve.
(The load current shall be derated according to derating curve in case of the ‘Jumper’)
100
80
60
40
20
0
Operation area
-55
-40
0
40
80
120
Ambient Temperature(
℃)
70
125
•Stable in the Sulfur Atmosphere.
•ASTM Satisfied.
•Passed 720hrs with the dried Sulfur at 105℃.
•High Precision Reliability.
•RoHS Compliant.
•Electronic Devices with long-term reliability.
•Server System (Memory Module / HDD).
•Network Equipment.
•Automotive ECU parts.
Feature
Application
Structure and Dimensions
Specification
Power Derating Curve
1 0 0
0.30±0.03
0.50±0.05
0.80±0.10
1.25±0.15
1.60±0.15
2.55±0.20
2.50±0.20
3.20±0.20
1.00±0.10
1.00±0.10
1.60±0.10
1.00±0.10
1.00±0.10
1.00±0.10
1.00±0.10
1.00±0.10
1.00±0.10
0.60±0.05
0.60±0.05
0.60±0.05
0.60±0.05
0.23±0.03
0.35±0.05
0.45±0.10
0.50±0.10
0.55±0.10
0.55±0.10
0.55±0.10
0.55±0.10
0.35±0.10
0.35±0.10
0.50±0.10
0.35±0.10
0.40±0.10
0.35±0.10
0.45±0.10
0.35±0.10
0.45±0.10
0.23±0.10
0.23±0.10
0.23±0.10
0.23±0.10
0.10±0.05
0.20±0.10
0.30±0.20
0.40±0.20
0.45±0.20
0.45±0.20
0.60±0.20
0.60±0.20
0.20±0.10
0.15±0.10
0.30±0.15
0.15±0.10
0.15±0.10
0.15±0.10
0.15±0.10
-
-
0.10±0.10
0.10±0.10
0.10±0.10
0.10±0.10
0.15±0.05
0.25±0.10
0.35±0.10
0.35±0.20
0.40±0.20
0.40±0.20
0.60±0.20
0.60±0.20
0.25±0.10
0.25±0.10
0.30±0.15
0.25±0.15
0.25±0.15
0.25±0.15
0.25±0.15
0.25±0.15
0.25±0.15
0.20±0.10
0.20±0.10
0.20±0.10
0.20±0.10
RCS0603
RCS1005
RCS1608
RCS2012
RCS3216
RCS3225
RCS5025
RCS6432
RPS102P
RPS104P
RPS164P
RNS102P
RNS104P
RMS102P
PMS104P
RKS102P
RKS104P
RFS062P
RFS064P
RMS062P
RMS064P
Type
0201
0402
0603
0805
1206
1210
2010
2512
0402x2R
0402x4R
0603x4R
0402x2R
0402x4R
0402x2R
0402x4R
0402x2R
0402x4R
0201x2R
0201x4R
0201x2R
0201x4R
Inch
0.60±0.03
1.00±0.05
1.60±0.10
2.00±0.15
3.20±0.15
3.20±0.20
5.00±0.20
6.30±0.20
1.00±0.10
2.00±0.10
3.20±0.10
1.00±0.10
2.00±0.10
1.00±0.10
2.00±0.10
1.00±0.10
2.00±0.10
0.80±0.05
1.40±0.05
0.80±0.05
1.40±0.05
LW
H
I1
I2
0.15
㎎
0.6
㎎
2.1
㎎
4.9
㎎
9.5
㎎
16
㎎
26
㎎
41
㎎
1.1
㎎
2.2
㎎
8.9
㎎
1.2
㎎
2.8
㎎
1.2
㎎
2.8
㎎
1.2
㎎
2.8
㎎
0.3
㎎
0.5
㎎
0.3
㎎
0.5
㎎
•The part number system shall be in the following format
(UNIT: mm)
RCS: Anti-sulfur General Type
RPS: Anti-sulfur Convex Array
RNS: Anti-sulfur Concave Array
RMS: Anti-sulfur Inverted Array
RKS: Anti-sulfur Short-Free Array
Code Designation
R C S
2 0 1 2
J
Dimension & Size Code
Tolerance
0603: 0.6
×0.3(㎜) - 0201(inch)
1005: 1.0
×0.5(㎜) - 0402(inch)
1608: 1.6
×0.8(㎜) - 0603(inch)
2012: 2.0
×1.2(㎜) - 0805(inch)
3216: 3.2
×1.6(㎜) - 1206(inch)
3225: 3.2
×2.5(㎜) - 1210(inch)
5025: 5.0
×2.5(㎜) - 2010(inch)
6432: 6.4
×3.2(㎜) - 2512(inch)
062P: 0603
×2R (0201x2R)
064P: 0603
×4R (0201x4R)
102P: 0603
×2R (0402x2R)
104P: 1005
×4R (0402x4R)
164P: 1608
×4R (0603x4R)
F : ±1%
G : ±2%
J : ±5%
K : ±10%
3 or 4 digits coding system
(IEC coding system)
3digits (E-24 series)
4digits (E-96 series)
CS
Resistance Value
Packaging Code
GS: Bulk Packaging
CS: Tape Packaging 7"
ES: Tape Packaging 10"
AS: Tape Packaging 13"
Parts Numbering System
0.65±0.10
0.50±0.15
0.80±0.15
0.50±0.10
0.50±0.10
0.50±0.10
0.50±0.10
0.50±0.10
0.50±0.05
0.40±0.05
0.50±0.05
0.40±0.05
P
Average
Weight
0.33±0.10
0.40±0.15
0.60±0.15
0.30±0.10
0.30±0.10
0.30±0.10
0.30±0.10
0.30±0.10
0.30±0.10
0.20±0.10
0.20±0.10
0.20±0.10
0.20±0.10
A1
0.30±0.15
0.40±0.15
-
0.30±0.10
-
0.30±0.10
-
0.30±0.10
-
0.20±0.10
-
0.20±0.10
A1
1
15
50
0
1
15
50
0
H
I2
I1
L
W
W
W
W
W
W
L
L
L
L
L
1/20
1/16
1/10
1/8
1/4
1/3
2/3
1
1/32
1/16
25(V)
50(V)
150(V)
25(V)
50(V)
50(V)
100(V)
200(V)
12.5(V)
25(V)
25(V)
50(V)
-55
℃~+155℃
-55
℃~+125℃
-55
℃~+155℃
70
℃
70
℃
10
Ω~1
1
Ω~1
1~9.9
Ω:+300,-200
10
Ω~1 :±100
(0603 :
±250)
1.1 ~10 :
±300
<0603, 0603 Array>
<1005~6432, 1005 Array, 1608 Array>
100
80
60
40
20
0
Operation area
-55
-30
0
30
60
90
120
150
Ambient Temperature(
℃)
70
155
Test name
Adding
Material
Temperature
Duration
Time
Decision
Criteria
ASTM
B-809-5
Dry Sulfur
(IBM recommended)
Sulfur 50 g
KON3 200 g
DIwater200ml
Sulfur 50 g
Sulfur Corrosion Test
Desiccator
(15 Liter)
Sulfur
KNO3
Hanger
(PCB Holder)
50℃
105℃
1000hr
720hr
R<
±1%
R<
±1%
1~9.9
Ω:±300
10
Ω~1 :±200
50(V)
100(V)
300(V)
400(V)
[ Test Equipment ]
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RUT Series)
Ultra Low ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RJ Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Anti-Sulfur
Resistors
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value
4
47
72
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com