Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012 Datasheet(PDF) 12 Page - Samsung semiconductor

Part # RC2012
Description  Passive components sales offices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012 Datasheet(HTML) 12 Page - Samsung semiconductor

Back Button RC2012 Datasheet HTML 8Page - Samsung semiconductor RC2012 Datasheet HTML 9Page - Samsung semiconductor RC2012 Datasheet HTML 10Page - Samsung semiconductor RC2012 Datasheet HTML 11Page - Samsung semiconductor RC2012 Datasheet HTML 12Page - Samsung semiconductor RC2012 Datasheet HTML 13Page - Samsung semiconductor RC2012 Datasheet HTML 14Page - Samsung semiconductor RC2012 Datasheet HTML 15Page - Samsung semiconductor RC2012 Datasheet HTML 16Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
22
23
Arrays(Convex Type)
RP102P
RP104P
RP164P
Type
1.00±0.10
2.00±0.10
3.20±0.10
1.00±0.10
1.00±0.10
1.60±0.10
0.35±0.10
0.35±0.10
0.50±0.10
0.33±0.10
0.30±0.15
0.40±0.15
-
0.40±0.15
0.60±0.15
0.20±0.10
0.15±0.10
0.30±0.15
0.25±0.10
0.25±0.15
0.30±0.15
0.65±0.10
0.50±0.15
0.80±0.15
1.1
㎎
2.2
㎎
8.9
㎎
L
W
HA1
A2
I1
I2
P
Average
Weight
(UNIT: mm)
•2 Array
•4 Array
A1
W
L
L
A1
W
p
RP: Convex type array
RP
Code Designation
10 : 1005
16 : 1608
10
Dimension
2P: 2 Pieces
4P: 4 Pieces
4P
Resistors
J:
±5%
J
Tolerance
3 digit coding system
(IEC coding system)
E-24 series
1 0 0
Resistance Value
CS : Tape Packaging 7"
ES : Tape Packaging 10"
AS : Tape Packaging 13"
CS
Packaging Code
•The part number system shall be in the following format
1
Ω~9.9Ω:±300
10
Ω~1 :±200
1
Ω~1MΩ
-55
℃~+155℃
70
℃
102P
104P
164P
Type
1/16
Power
Rating
(W)
25(V)
25(V)
50(V)
50(V)
50(V)
100(V)
Working
Voltage
(MAX)
Overload
Voltage
(MAX)
TCR (ppm/℃)
Resistance
Range (Ω)
Rated
Ambient
Temperature
Rated
Working
Temperature
•
Rated voltage (V) =
Rated voltage should be lower than (MAX) working voltage.
√Rated power(W)×Nominal resistance value (Ω)
The rated power is the maximum continuous loading power at 70℃ ambient temperature.
For ambient temperature above 70℃, the loading power follows the below power derating curve.
100
80
60
40
20
0
Operation area
-55
-30
0
30
60
90
120
150
Ambient Temperature(
℃)
70
155
•3 digits indication(E-24 series)
- Left 2 digits represent significant figures.
- Last 1 digit represents exponential number of 10.
- Example: 103
Left 2 digits: 10
Last 1 digit: 3
103 = 10
×103 =10000Ω=10kΩ
•RP102P : No marking.
1
10
03
3
•Reducing SMD surface area (40% reduced).
•Reducing SMD costs (75% reduced).
•Both flow and reflow soldering are applicable.
The product of lead-free terminal is RoHS compliant.
PhO(lead oxide) is included in the glass of our product which is prescribed
on RoHS appendix as an exception.
•For semiconductor devices.
•For computers, digital circuits.
Feature
Application
Structure and Dimensions
Parts Numbering System
Specification
Power Derating Curve
Marking
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
Land Pattern
Type
A
B
C
D
E
P1
P2
10AT
102P
104P
164P
0.4
0.4
0.7
0.7
0.4
0.4
0.3
0.5
0.25
0.25
0.2
0.3
0.5
0.5
0.5
0.9
0.5
0.5
0.5
0.8
0.65
0.65
0.55
0.9
-
0.5
0.8
1
15
50
0
P
A
BC
E
D
: Land Pattern
: Chip Resistor
A2
H
I2
I1
H
I2
I1
p
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RUT Series)
Ultra Low ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RJ Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Anti-Sulfur
Resistors
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com