Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # RC2012
Description  Passive components sales offices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button RC2012 Datasheet HTML 9Page - Samsung semiconductor RC2012 Datasheet HTML 10Page - Samsung semiconductor RC2012 Datasheet HTML 11Page - Samsung semiconductor RC2012 Datasheet HTML 12Page - Samsung semiconductor RC2012 Datasheet HTML 13Page - Samsung semiconductor RC2012 Datasheet HTML 14Page - Samsung semiconductor RC2012 Datasheet HTML 15Page - Samsung semiconductor RC2012 Datasheet HTML 16Page - Samsung semiconductor RC2012 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
0.25±0.15
0.25±0.15
I2
0402x2R
0402X4R
Inch
24
25
Arrays(Concave Type)
RN : Concave Type Array
RM : Inverted Type Array
RK:ShortFree&Inverted Type
RN
Code Designation
10: 1005
10
Dimension
2P: 2 Pieces
4P: 4 Pieces
4P
Resistors
F:
±1%
J:
±5%
J
Tolerance
3 digit coding system
(IEC coding system)
E-24 series
1 0 0
Resistance Value
CS : Tape Packaging 7"
ES : Tape Packaging 10"
AS : Tape Packaging 13"
CS
Packaging Code
•The part number system shall be in the following format
The rated power is the maximum continuous loading power at 70℃ ambient temperature.
For ambient temperature above 70℃, the loading power follows the below power derating curve.
100
80
60
40
20
0
Operation area
-55
-30
0
30
60
90
120
150
Ambient Temperature(
℃)
70
155
•Strong Body.
•Both flow and reflow soldering are applicable.
•Concave Type Terminal.
The product of lead-free terminal is RoHS compliant.
PhO(lead oxide) is included in the glass of our product which is prescribed
on RoHS appendix as an exception.
•For semiconductor devices.
•For computers, digital circuits.
Feature
Application
Structure and Dimensions
Parts Numbering System
Power Derating Curve
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
Land Pattern
Type
A
B
C
D
E
P
102P
104P
0.3
0.3
0.3
0.3
0.2
0.2
0.5
0.5
0.4
0.4
0.5
0.5
: Land Pattern
: Chip Resistor
P
A
BC
E
D
RM102P
RM104P
Type
1.00±0.10
2.00±0.10
1.00±0.10
1.00±0.10
0.35±0.10
0.40±0.10
0.30±0.10
0.30±0.10
-
0.30±0.10
0.15±0.10
0.15±0.10
0.50±0.10
0.50±0.10
1.2
㎎
2.8
㎎
L
W
HA1
A2
I1
P
Average
Weight
(UNIT: mm)
<Top View>
(2) Inverted Concave Type
(3) Short-free & Inverted Concave Type
<Side View>
<Bottom View>
<Top View>
<Side View>
<Bottom View>
W
H
P
L
L
A2
H
P
1
15
50
0
1
15
50
0
•
Rated voltage (V) =
Rated voltage should be lower than (MAX) working voltage.
√Rated power(W)×Nominal resistance value (Ω)
Specification
1~9.9
Ω: ±300
10
Ω~1MΩ: ±200
1
Ω~1MΩ
-55
℃~+155℃
70
℃
102P
104P
Type
1/16
Power
Rating
(W)
25(V)
25(V)
50(V)
50(V)
Working
Voltage
(MAX)
Overload
Voltage
(MAX)
TCR (ppm/℃)
Resistance
Range (Ω)
Rated
Ambient
Temperature
Rated
Working
Temperature
RN102P
RN104P
Type
1.00±0.10
2.00±0.10
1.00±0.10
1.00±0.10
0.35±0.10
0.40±0.10
0.30±0.10
0.30±0.10
-
0.30±0.10
0.25±0.15
0.25±0.15
0.50±0.10
0.50±0.10
1.2
㎎
2.8
㎎
L
W
HA1
A2
I2
P
Average
Weight
(UNIT: mm)
<Top View>
(1) Reverse Concave Type
<Side View>
<Bottom View>
W
H
P
L
A2
A1
A1
A2
A1
W
I2
I2
I2
I1
I1
0402x2R
0402X4R
Inch
0.15±0.10
0.15±0.10
I1
0.25±0.15
0.25±0.15
I2
0402x2R
0402X4R
Inch
RK102P
RK104P
Type
1.00±0.10
2.00±0.10
1.00±0.10
1.00±0.10
0.35±0.10
0.40±0.10
0.30±0.10
0.30±0.10
-
0.30±0.10
-
-
0.50±0.10
0.50±0.10
1.2
㎎
2.8
㎎
L
W
HA1
A2
I1
P
Average
Weight
(UNIT: mm)
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RUT Series)
Ultra Low ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RJ Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Anti-Sulfur
Resistors
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com