Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE113 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # BLE113
Description  Bluetooth v. 4.0, single mode compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BLE113 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button BLE113 Datasheet HTML 6Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 7Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 8Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 9Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 10Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 11Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 12Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 13Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Bluegiga Technologies Oy
Page 10 of 30
2.1 I/O Ports
Each I/O port can be configured as an input or output. When configured as input, each I/O port, except pins
P1_0 and P1_1, can also be configured with internal pull-up, pull-down or tri-state. Pull-down or pull-up can
only be configured to whole port, not individual pins. Unused I/O pins should have defined level and not be
floating. See the Profile Toolkit developer guide for more information about the configuration.
During reset the I/O pins are configured as inputs with pull-ups. P1_0 and P1_1 are inputs but do not have
pull-up or pull-down.
2.2 UART
UART baud rate can be configured up 2 Mbps. See the Profile Toolkit developer guide for more information.
Following table lists commonly used baud rates for BLE113
Baud rate (bps)
Error (%)
2400
0.14
4800
0.14
9600
0.14
14 400
0.03
19 200
0.14
28 800
0.03
38 400
0.14
57 600
0.03
76 800
0.14
115 200
0.03
230 400
0.03
Table 4: Commonly used baud rates for BLE113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com