Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE113 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # BLE113
Description  Bluetooth v. 4.0, single mode compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BLE113 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button BLE113 Datasheet HTML 9Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 10Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 11Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 12Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 13Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 14Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 15Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 16Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Bluegiga Technologies Oy
Page 13 of 30
Figure 3: BLE113 TX power as a function of the setting in the HW configuration file
2.8 Antenna characteristics
The antenna is monopole type of chip antenna. The antenna impedance matching is optimized for 1 mm
– 2
mm mother board PCB thickness. The radiation pattern is impacted by the layout of the mother board.
Typically the highest gain is towards GND plane and weakest gain away from the GND plane. Figures 4
– 6
show the radiation pattern of BLE113 when mounted to the development board.
The typical efficiency of the antenna is 25…35% depending on the mother board layout. Maximum gain is 0.5
dBi.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com