Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE113 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # BLE113
Description  Bluetooth v. 4.0, single mode compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BLE113 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  BLE113 Datasheet HTML 1Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 2Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 3Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 4Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 5Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 6Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 7Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 8Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Bluegiga Technologies Oy
BLE113 Bluetooth® Smart Module
DESCRIPTION
BLE113 is a Bluetooth Smart module targeted
for
small
and
low
power
sensors
and
accessories. It integrates all features required
for a Bluetooth Smart application: Bluetooth
radio,
software
stack
and
GATT
based
profiles.
BLE113 Bluetooth Smart module can also host
end
user
applications,
which
means
no
external micro controller is required in size or
price constrained devices.
BLE113
module
has
flexible
hardware
interfaces to connect to different peripherals
and sensors. BLE113 can be powered directly
from a standard 3V coin cell battery or pair of
AAA batteries.
In lowest power sleep mode it consumes only
500nA and will wake up in few hundred
microseconds.
APPLICATIONS:
Health and fitness sensors
Medical sensors
iPhone and iPad accessories
Security and proximity tags
Key fobs
Smart home sensors and collectors
Wireless keys
HID keyboards and mice
KEY FEATURES:
Bluetooth v. 4.0, single mode compliant
o
Supports master and slave modes
o
Up to eight connections
Integrated Bluetooth Smart stack
o
GAP, GATT, L2CAP and SMP
o
Bluetooth Smart profiles
Radio performance
o
TX power : 0 dBm to -23 dBm
o
Receiver sensitivity: -93 dBm
Ultra low current consumption
o
Transmit: 18.2 mA (0dBm)
o
Transmit: 14.3 mA (0dBm +
DC/DC)
o
Receive: 14.3 mA
o
Sleep mode 3: 0.4 uA
Flexible peripheral interfaces
o
UART and SPI
o
I2C, PWM and GPIO
o
12-bit ADC
Host interfaces:
o
UART
Programmable 8051 processor for stand-
alone operation
Dimensions: 9.15 x 15.75 x 2.1 mm
Bluetooth, CE, FCC, IC, South Korea and
Japan qualified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com