Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE113 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # BLE113
Description  Bluetooth v. 4.0, single mode compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BLE113 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button BLE113 Datasheet HTML 3Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 4Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 5Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 6Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 7Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 8Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 9Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 10Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Bluegiga Technologies Oy
Page 7 of 30
2
Pinout and Terminal Description
GND
GND
GND
GND
GND
GND
GND
AVDD
P2_2
P2_1
P2_0
P1_7
P1_6
SCL
SDA
NC
DVDD
GND
GND
P0_7
P0_6
P0_5
P0_4
P0_3
P0_2
P0_1
P0_0
NC
GND
Reset#
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
25
26
27
28
29
30
31
32
33
35
36
34
Figure 1: BLE113
PIN
NUMBER
PAD TYPE
DESCRIPTION
RESET
34
Active low reset.
GND
1 - 7, 18,
25, 36
GND
GND
DVDD
17
Supply voltage
Supply voltage 2V - 3.6V
AVDD
8
Supply voltage
Supply voltage 2V - 3.6V
Table 1: Supply and RF Terminal Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com