Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE113 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BLE113
Description  Bluetooth v. 4.0, single mode compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BLE113 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BLE113 Datasheet HTML 1Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 2Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 3Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 4Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 5Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 6Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 7Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 8Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Bluegiga Technologies Oy
VERSION HISTORY
Version
Comment
0.1
Draft
0.2
Confidential watermark added
0.3
Marketing information updated
0.4
Current consumption, recommended land pattern, layout guide, example
schematic, antenna characteristics
0.5
Minor changes
0.51
Absolute maximum ratings: all supply nets must have the same voltage
0.52
Pin dimensions and recommended land pattern
0.53
FCC and IC statements
0.54
TXP vs HW config setting
0.55
Dimensions
0.56
CE, MIC Japan, KCC
0.57
Chapter 2.1 rephrased
0.58
Missing dimensions added to Figure 7
1.0
Preliminary datasheet -> production datasheet. No changes
1.1
Pull-up resistors added to P1_0 and P1_1 in the example schematic
1.2
5 mm restriction removed from the FCC statement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com