Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE113 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # BLE113
Description  Bluetooth v. 4.0, single mode compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BLE113 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button BLE113 Datasheet HTML 15Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 16Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 17Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 18Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 19Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 20Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 21Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 22Page - List of Unclassifed Manufacturers BLE113 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Bluegiga Technologies Oy
Page 19 of 30
5 Design Guidelines
5.1 General Design Guidelines
LE113 can be used directly with a coin cell battery. Due to relatively high internal resistance of a coin cell
battery it is recommended to place a 100uF capacitor in parallel with the battery. The internal resistance of a
coin cell battery is initially in the range of 10 ohms but the resistance increases rapidly as the capacity is used.
Basically the higher the value of the capacitor the higher is the effective capacity of the battery and thus the
longer the life time for the application. The minimum value for the capacitor depends on the end application
and the maximum transmit power used. The leakage current of a 100uF capacitor is in the range of 0.5 uA to
3 uA and generally ceramic capacitors have lower leakage current than tantalum or aluminum electrolytic
capacitors.
Optionally TI’s TPS62730 can be used to reduce the current consumption during TX/RX and data processing
stages. TPS62730 is an ultra low power DC/DC converter with by-pass mode and will reduce the current
consumption during transmission nominally by ~20% when using 3V coin cell battery.
BLE113 Example Schematic
2 0 1 2 - 0 8 - 0 3
-
PR A
-
-
Blueg ig a Technolog ies Oy
-C1.0
1 5
REV:
SIZE:
CODE:
DRAWN:DATED:
DATED:
CHECKED:
QUAL ITY CONTROL :DATED:
DATED:
REL EASED:
COM PANY:
TITL E:
DRAWING NO:
SHEET:
OF
SCAL E:
REVISION RECORD
APPROVED:
ECO NO:
L TR
DATE:
1
2
3
4
5
6
D
C
B
A
C
D
B
A
PROGRAMMING INTERFACE
P1_0 and P1_1 req uire external pull-up or pull-down
resistor if config ured as inputs
C1 4
1 0 0 u F/1 6 V/1 0 % /TAN
1
STAT
2
SW
3
VIN
5
ON/BYP
6
VOUT
U5
TPS62730
L 1
2 .2
µH± 2 0 % , 1 30 m A, 0 .43 o hm
1
2
R4
NP
SW1
1
GND
2
GND
3
GND
4
GND
5
GND
6
GND
7
GND
8
AVDD
9
P2 _ 2
1 0
P2 _ 1
1 1
P2 _ 0
1 2
P1 _ 7
1 3
P1 _ 6
1 4
SCL
1 5
SDA
1 6
NC
1 7
DVDD
1 8
GND
2 5
GND
2 6
P0 _ 7
2 7
P0 _ 6
2 8
P0 _ 5
2 9
P0 _ 4
3 0
P0 _ 3
3 1
P0 _ 2
3 2
P0 _ 1
3 3
P0 _ 0
3 4
RESET
3 5
NC
3 6
GND
M OD2
BL E1 1 X_ P2
1
VDDIO
2
BYP
3
NC
4
SCL
5
GND
9
INT2
1 0
GND
1 1
INT1
1 2
GND
1 3
NC
U2
M M A8 4 5 1 Q
1
3
5
2
4
6
7 8
9 1 0
J 1
HEADER_ 2 X5 _ SM D_ 1 .2 7 M M
1
2
R2
1 0 K, 5 0 V, 0 .0 6 3 W
1
2
R2 1
1 0 K, 5 0 V, 0 .0 6 3 W
VBAT
P1 _ 7 /DCDC
2 V...3 V3 _ M OD
2 V...3 V3 _ M OD
P2 _ 2 /PROG
P2 _ 1 /PROG
P1 _ 7 /DCDC
SCL
SDA
2 V...3 V3 _ M OD
SCL
P2 _ 2 /PROG
2 V...3 V3 _ SW
P2 _ 1 /PROG
RESET_ N
2 V...3 V3 _ M OD
Figure 11: Example schematic for BLE113 with a coin cell battery, TPS62730 DCDC converter and an
I2C accelerometer
5.2 Layout Guide Lines
Use good layout practices to avoid excessive noise coupling to supply voltage traces or sensitive analog
signal traces. If using overlapping ground planes use stitching vias separated by max 3 mm to avoid emission
from the edges of the PCB. Connect all the GND pins directly to a solid GND plane and make sure that there
is a low impedance path for the return current following the signal and supply traces all the way from start to
the end.
A good practice is to dedicate one of the inner layers to a solid GND plane and one of the inner layers to
supply voltage planes and traces and route all the signals on top and bottom layers of the PCB. This
arrangement will make sure that any return current follows the forward current as close as possible and any
loops are minimized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com