Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200091 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AX200091
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200091 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AX200091 Datasheet HTML 8Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 9Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 10Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 11Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 12Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 13Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 14Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 15Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.12
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Fiber
Express Patch Panels
Rack Mount Patch Panels
Fiber
Express Rack Mount Patch Panel 1U and 2U
The Fiber
Express 1U and 2U Rack Mount Patch Panels are equipped with a special hinge that allows
easy access to the rear of the patch panel without disturbing the optical fiber cable. A specially designed
front panel allows connector protection and easy routing of optical fiber patch cords. The Fiber
Express
Rack Mount Patch Panels are also compatible with our 203 mm (8 in.) Splice Organizer Trays. This allows
the optical fiber cable to be either terminated with fiber single-ended patch cords or field-installable
connectors. The patch panels can be used with ST Compatible, SC, 568SC, FC, LC or MT-RJ adapters
strips (ordered separately).
The Fiber
Express 1U Rack Mount Patch Panel is a low-cost, compact assembly designed for interconnection
or splicing of optical fiber cables, from 12 up to 48 fibers if MT-RJ or LC double density adapter strips
are used. The low-profile design minimizes rack space to only 45 mm (1.75 in.). An optional smoked
Plexiglass front cover is also available.
The Fiber
Express 2U Rack Mount Patch Panel offers a high fiber capacity, 96 fibers if using double density
MT-RJ or LC adapter strips. The Fiber
Express 2U comes equipped with a smoked Plexiglass front cover
that protects fiber connections while allowing for quick visual inspection.
Fiber
Express Rack Mount Patch Panel 3U
The Fiber
Express 3U Rack Mount Patch Panel can accommodate up to 96 optical fiber connections
using MT-RJ or LC connectors. The connector panel is mounted on a sliding drawer for easy access to
the back side (cable side) of the panel. The Fiber
Express 3U Rack Mount Patch Panel can be used with
either optical fiber single-ended patch cords or field-installable connectors. If optical single-ended patch
cords are to be used, organizer trays are easily accessible via the removable front access pull-out drawer.
(Trays must be ordered separately.)
The Fiber
Express 3U Rack Mount Patch Panel is a compact cross-connect assembly for the termination
of optical fiber cables. The low-profile design minimizes required rack space to 127 mm (5 in.). It is
compatible with ST Compatible, SC, 568SC, MT-RJ, LC and FC adapters strips (ordered separately).
Fiber
Express Rack Mount Patch Panel 4U
The Fiber
Express 4U Rack Mount Patch Panel is an economical solution for the protection of optical
fiber terminations and splices, up to 192 optical fibers if using MT-RJ or LC connectors. The connector
panel, accepting the Universal Adapter Strips, is located inside the enclosure and swings out (left or right)
to give easy access to the cable and splices.
The Fiber
Express 4U Rack Mount Patch Panel is a compact Cross-Connect enclosure for the cross-
connection, interconnection or splicing of optical fiber cables. The low-profile design minimizes required
rack space to 178 mm (7 in.). It can be used with ST Compatible, SC, 568SC, MT-RJ, LC and FC adapters
strips (ordered separately).
Belden Part Number
Description
Fiber
Express Patch Panels
Fiber
Express Rack Mount Patch Panel 1U*
Gray
AX100042
Black
AX100041
Fiber
Express Rack Mount Patch Panel 2U*
Gray
AX100069
Black
AX100068
Fiber
Express Rack Mount Patch Panel 3U
Gray
AX100078
Black
AX100077
Fiber
Express Rack Mount Patch Panel 4U
Gray
AX100115
Black
AX100116
If Single-ended patch cords are to be spliced to the fiber cable, don’t forget to order Splice Organizer Trays or Kits. Both these, and the
Universal Adapter Strips can be ordered in the Fiber
Express Accessories section.
*IMPORTANT: The Fiber
Express 1U accepts two (2) 203 mm (8 in.) splice trays.
The 2U accepts four (4) 203 mm (8 in.) splice trays.
These products are in the process of being assessed for RoHS compliance. Please check our Web Site for the most current RoHS status.
AX100041 Fiber
Express, 12/24 Port (1U)
Rack Mount Patch Panel
AX100069 Fiber
Express, 24/48 Port (2U)
Rack Mount Patch Panel
AX100078 Fiber
Express (3U) Rack Mount Patch Panel
AX100115 Fiber
Express, 48/96 Port (4U) Rack Mount
Patch Panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com