Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200091 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # AX200091
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200091 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button AX200091 Datasheet HTML 19Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 20Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 21Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 22Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 23Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 24Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 25Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 26Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.23
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Breakout Style Cable
Tight Buffer — Indoor Riser, Plenum & LSZH Rated (continued)
Single-mode
Enhanced
50 / 125µm
10 Gbe – 300M
50 / 125µm
Std. / 1 Gbe
Belden Part Number
Breakout Cable Series
Riser (NEC/CEC OFNR/OFN FT4)
2
M9B005
M9A005
M9C005
M9W005
0.260
6.60
24
36
180
801
4
M9B006
M9A006
M9C006
M9W006
0.321
8.15
35
52
345
1535
6
M9B007
M9A007
M9C007
M9W007
0.358
9.09
54
80
543
2415
8
M9B008
M9A008
M9C008
M9W008
0.405
10.29
69
103
600
2700
10
M9B009
M9A009
M9C009
M9W009
0.455
11.56
86
128
600
2700
12
M9B010
M9A010
M9C010
M9W010
0.514
13.06
110
164
600
2700
18
M9B011
M9A011
M9C011
M9W011
0.520
13.21
104
155
600
2700
24
M9B012
M9A012
M9C012
M9W012
0.590
14.99
135
201
600
2700
36
M9B083
M9A083
M9C083
M9W083
0.680
17.27
168
250
600
2700
Plenum (NEC/CEC OFNP/OFN FT6)
2
M9B013
M9A013
M9C013
M9W013
0.230
5.84
20
30
180
801
4
M9B014
M9A014
M9C014
M9W014
0.263
6.68
30
45
345
1535
6
M9B015
M9A015
M9C015
M9W015
0.309
7.85
41
61
465
2068
8
M9B016
M9A016
M9C016
M9W016
0.336
8.53
55
82
600
2700
10
M9B017
M9A017
M9C017
M9W017
0.385
9.78
73
109
600
2700
12
M9B018
M9A018
M9C018
M9W018
0.391
9.93
65
97
600
2700
18
M9B019
M9A019
M9C019
M9W019
0.456
11.58
89
132
600
2700
24
M9B020
M9A020
M9C020
M9W020
0.544
13.82
117
174
600
2700
36
M9B082
M9A082
M9C082
M9W082
0.612
15.54
154
229
600
2700
LSZH (NEC/CEC OFNR/OFN FT4)
2
M9B130
M9A130
M9C130
M9W130
0.290
7.37
39
57
270
1200
4
M9B131
M9A131
M9C131
M9W131
0.351
8.92
38
55
285
1268
6
M9B132
M9A132
M9C132
M9W132
0.358
9.09
52
76
543
2415
8
M9B133
M9A133
M9C133
M9W133
0.405
10.29
67
98
600
2700
10
M9B134
M9A134
M9C134
M9W134
0.455
11.56
110
162
600
2700
12
M9B135
M9A135
M9C135
M9W135
0.514
13.06
110
161
600
2700
18
M9B136
M9A136
M9C136
M9W136
0.520
13.21
103
151
600
2700
24
M9B137
M9A137
M9C137
M9W137
0.590
14.99
138
202
600
2700
36
M9B138
M9A138
M9C138
M9W138
0.680
17.27
171
250
600
2700
2.5 mm Breakout Cables are also available.
No. of
Fibers
62.5 / 125µm
Std. / 1 Gbe
Inch
mm
Outside Diameter
Lbs./1000
′′
kg/km
Weight
Max. Install Load
Lbs.
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com