Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200091 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # AX200091
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200091 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button AX200091 Datasheet HTML 27Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 28Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 29Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 30Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 31Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 32Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 33Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 34Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 35Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.33
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Micro Loose Tube Breakout Style Cable
Loose Tube – Outdoor, Indoor/Outdoor OFN & Indoor/Outdoor Riser Rated (continued)
Single-mode
Enhanced
50 / 125µm
10 Gbe – 300M
50 / 125µm
Std. / 1 Gbe
Belden Part Number
Micro Loose Tube Series
Outdoor
1
M9B700
M9A700
M9C700
M9W700
0.340
8.64
41
61
330
1468
2
M9B701
M9A701
M9C701
M9W701
0.360
9.14
41
61
345
1535
4
M9B702
M9A702
M9C702
M9W702
0.360
9.14
39
58
285
1267
6
M9B703
M9A703
M9C703
M9W703
0.418
10.62
54
80
405
1801
8
M9B704
M9A704
M9C704
M9W704
0.478
12.14
76
113
600
2700
12
M9B705
M9A705
M9C705
M9W705
0.614
15.60
129
192
600
2700
Indoor/Outdoor OFN
1
M9B720
M9A720
M9C720
M9W720
0.344
8.74
50
74
330
1468
2
M9B721
M9A721
M9C721
M9W721
0.364
9.25
51
76
345
1535
4
M9B722
M9A722
M9C722
M9W722
0.364
9.25
49
73
285
1267
6
M9B723
M9A723
M9C723
M9W723
0.424
10.72
68
101
405
1801
8
M9B724
M9A724
M9C724
M9W724
0.482
12.24
77
115
600
2700
12
M9B725
M9A725
M9C725
M9W725
0.618
15.70
130
193
600
2700
Indoor/Outdoor Riser
1
M9B740
M9A740
M9C740
M9W740
0.352
8.94
54
80
330
1468
2
M9B741
M9A741
M9C741
M9W741
0.372
9.45
55
82
345
1535
4
M9B742
M9A742
M9C742
M9W742
0.372
9.45
51
76
285
1267
6
M9B743
M9A743
M9C743
M9W743
0.432
10.97
74
110
405
1801
8
M9B744
M9A744
M9C744
M9W744
0.490
12.45
94
140
600
2700
12
M9B745
M9A745
M9C745
M9W745
0.626
15.90
151
229
600
2700
Please contact the Technical Support Group for proper connectivity integration and installation guidance.
No. of
Fibers
62.5 / 125µm
Std. / 1 Gbe
Inch
mm
Outside Diameter
Lbs./1000
′′
kg/km
Weight
Max. Install Load
Lbs.
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com