Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200091 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # AX200091
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200091 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button AX200091 Datasheet HTML 15Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 16Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 17Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 18Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 19Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 20Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 21Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 22Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.19
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Interconnect Cable — Simplex and Duplex
Tight Buffer — Riser & Plenum Rated
Specifications
Temperature Range
Storage
-40 to +70°C
Operating
-20 to +70°C
Crush Resistance (EIA-455-41)
200 N/cm
Impact Resistance (EIA-455-25)
20 Impacts @ 1.0 N-m
Cyclic Flexing (EIA-455-104)
2000 cycles, min.
Min. Bend Radius
Installation
15 x OD
Long Term
10 x OD
Optical Specifications
See page 10.2
Fiber Bundle Detail
Applications
■ Patch panels
■ Workstation equipment connections
■ Horizontal distribution in open office environments
Product Description
Interconnect Cables are designed for low fiber-count premises
environments. They are small and very flexible, making them ideal
for confined spaces. Their aesthetic appearance makes these cables
suitable for use in open office environments. Available in 1 or 2
fibers. One sub-unit is marked to permit easy identification of
transmit and receive fibers. Length markings to facilitate installation.
Jacket Material
PVC
Tight Buffer
PVC
Strength Member
Aramid Yarn
Color Code (Tight Buffer)
Per EIA/TIA 598-A,
see page 10.2
Jacket Color
Single-mode
Yellow
62.5/125 µm
Orange
50/125 µm / 1 Gbe
Orange
50/125 µm / 10 Gbe
Aqua
Ratings
Riser
UL Type
OFNR
cUL Type
OFN FT4
Flame Resistance
UL 1666
Plenum
UL Type
OFNP
cUL Type
OFN FT6
Flame Resistance
NFPA 262
Single-mode
Enhanced
50 / 125µm
10 Gbe – 300M
50 / 125µm
Std. / 1 Gbe
Belden Part Number
No. of
Fibers
62.5 / 125µm
Std. / 1 Gbe
Inch
mm
Outside Diameter
Lbs./1000
′′
kg/km
Weight
Max. Install Load
Lbs.
N
Interconnect Cable Series
Riser (NEC/CEC OFNR/OFN FT4)
1
M97112
M9A001
M9C001
M9W001
0.114
2.9
6
9
90
400
2
M96915
M9A002
M9C002
M9W002
0.11 x 0.23
2.9 x 5.9
12
18
180
801
Plenum (NEC/CEC OFNP/OFN FT6)
1
M98086
M9A003
M9C003
M9W003
0.114
2.9
6
9
90
400
2
M96919
M9A004
M9C004
M9W004
0.11 x 0.23
2.9 x 5.9
13
19
180
801
Jacket
900 Micron
Buffered Fiber
SIMPLEX
DUPLEX
5.9 mm
(.233 in.)
2.9 mm
(.114 in.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com