Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200091 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # AX200091
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200091 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button AX200091 Datasheet HTML 27Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 28Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 29Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 30Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 31Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 32Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 33Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 34Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 35Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
COMMERCIAL
NETWORKING
OPT IC AL
FIBE R
16.32
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Micro Loose Tube Breakout Style Cable
Loose Tube – Outdoor, Indoor/Outdoor OFN & Indoor/Outdoor Riser Rated
Specifications
Temperature Range
Storage
-40 to +70°C
Operating
-20 to +70°C
Crush Resistance (EIA-455-41)
600 N/cm
Impact Resistance (EIA-455-25)
20 Impacts @ 1.0 N-m
Min. Bend Radius
Installation
20 x OD
Long Term
15 x OD
Optical Specifications
See page 10.2
Fiber Bundle Detail
Applications
Ducts between buildings (above or below frost lines)
Lashed aerial
Telecommunications and data trunk
Product Description
Easy handling and termination of a breakout style cable. Loose
buffer dimensions compatible with standard connectors (900 µm).
Waterblocking gel for moisture protection. Breakout kits not required
for connectorization.
Jacket Material
Outdoor
PE
Riser
PVC
General Purpose
TPE
Buffer tube
Outdoor + Riser
PBT
Strength Elements
Aramid Yarn
Strength Member(s)
Upjacketed Aramid
Color Codes (Jacket & Fibers)
Per EIA/TIA 598-A,
see page 10.2
Jacket Color
Black
Ratings
Riser
UL Type
OFNR
cUL Type
OFN FT4
Flame Resistance
UL 1666
General Purpose
UL/cUL Type
OFN
Flame Resistance
UL 1581
Gel-filled
Buffer
900 micron
Mini Tube
Polyethylene
Outer Jacket
Sub-unit Jacket
.098 inch (2.5mm)
Upjacketed Aramid
Strength Members
Aramid
Strength Members



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com