Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200091 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # AX200091
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200091 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button AX200091 Datasheet HTML 11Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 12Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 13Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 14Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 15Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 16Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 17Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 18Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.15
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Elec. White
Black
White
Ivory
Fiber
Express Outlets
MediaFlex Plates and Inserts
MediaFlex Plate
MediaFlex Plates are one part of the comprehensive line of plates and inserts that snap together to create
a full line of modular workstation outlets.
MediaFlex Plates can be mounted over standard NEMA type outlet boxes and rings to provide support
for a variety of MediaFlex Adapters and Inserts. The fully modular construction combined with the front
access design provides extensive configuration flexibility for current and future network needs. MediaFlex
Plates are available in Single Gang and Double Gang configurations.
The Double Gang faceplate comes with a stand-off ring included in the package. This ring allows for
easy mounting with virtually any industry electrical box or mud/adapter rings, therefore providing
added installation flexibility.
Each plate has the capacity of up to 6 ports per Single Gang and 12 ports per Double Gang.
MediaFlex Adapter Box
MediaFlex Surface Adapter Boxes are one part of the comprehensive line of plates and inserts
that snap together to create a full line of modular workstation outlets.
MediaFlex Surface Adapter Boxes can be mounted over standard NEMA type outlet boxes and
rings to provide support for the MediaFlex plates. The MediaFlex Surface Adapter Boxes are available
as a Double Gang configuration. The Double Gang box allows more room for cable management
and bend radius control.
MediaFlex MDVO (style) Insert
MediaFlex MDVO-style Inserts are available in a 2-port configuration in both Flush and Angled versions.
They are compatible with all GigaFlex and MDVO Modules (EZ-MDVO and Multimedia). The inserts are
two units high for the flush version and three units high for the angled version. Therefore three flush
inserts or two angled inserts are required to fully populate a Single Gang MediaFlex Plate.
MediaFlex Multimedia Insert
MediaFlex Multimedia Inserts provide optimum flexibility in configuring multimedia workstation outlets
that respond to any present or future network needs. MediaFlex Multimedia Inserts along with other
MediaFlex Inserts allow for easy configuration of outlets. All inserts are front loaded and easily snapped
in and out of the MediaFlex Plates for easy installation and maintenance.
MediaFlex Multimedia Inserts are available in Angled versions only in order to allow for proper management
of cable bend radius. The inserts are three units high, therefore two inserts are required to fully populate
a Single Gang faceplate and four inserts will fully populate a Double Gang faceplate.
Fiber
Express Outlets
MediaFlex Plate
Single Gang
AX101745
AX101746
AX101747
AX101748
AX102608
AX102569
Double Gang
AX101869
AX101870
AX101871
AX101872
AX102609
AX102570
MediaFlex Adapter Box
Single Gang
AX102480
AX102481
AX102482
AX102483
AX102484
AX102485
Double Gang
AX101873
AX101874
AX101875
AX101876
AX102610
AX102571
MediaFlex MDVO (style) Insert
2-port, Flush, bag of 10 units
AX101749
AX101750
AX101751
AX101752
AX102612
AX102572
2-port, Angled, bag of 10 units
AX101753
AX101754
AX101755
AX101756
AX102613
AX102573
MediaFlex SC Duplex
SC Duplex Single-mode
AX101935
AX101936
AX101937
AX101938
AX102619
AX102649
SC Duplex Multimode
AX101939
AX101940
AX101941
AX101942
AX102620
AX102650
These products are in the process of being assessed for RoHS compliance. Please check our Web Site for the most current RoHS status.
Belden Part Number
Description
AX101869 MediaFlex Plate, Double Gang
AX101874 MediaFlex Adapter Box, Double Gang
AX101756 MediaFlex MDVO (style) Insert,
2-port, Angled
AX101937 MediaFlex SC Duplex Insert, Angled
Almond
Gray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com