Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200095 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AX200095
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200095 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AX200095 Datasheet HTML 10Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 11Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 12Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 13Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 14Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 15Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 16Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 17Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.14
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Fiber
Express Patch Panels Accessories
Universal Optical Fiber Adapter Strips and Accessories
Optical Fiber Adapter Strips
Universal Optical Fiber Adapter Strips are pre-loaded with six (single density) or 12 (double density)
adapter sleeves. Two types of adapter sleeves are available: Phosphor Bronze and Zirconia Ceramic.
Adapter sleeves are used as the connecting interface between two optical fiber connectors.
A Blank adapter strip is also available and can be used with any Fiber
Express Patch Panel to fill in
unused adapter strip openings.
Optical Fiber Accessories
The Field Breakout Kit is designed to attach to one tube of a loose-tube cable. Each kit has either six or
twelve 900 µm tubes that hold each of the coated fibers. For each end of the cable, one kit is needed for
every tube. For example, a 12-fiber 62.5 µm cable contains two 6-fiber tubes. This cable would require
four kits, two for each end.
Optical Fiber Splice Organizer Kits provide the accessories necessary for installing the Fiber
Express
Fiber Patch Panels, as well as other fiber terminals that accommodate the standard Belden organizer tray.
The Flex Kit contains tubes and manifolds designed to split cables into individual fiber strands, and is
suitable for 6 fibers up to 12 fibers. It is necessary for use with loose tube cables or when the fiber cable
count does not match the number of connections in the Fiber
Express Manager Connector Module. The Flex
Kit tubes help to maintain proper fiber bend radius. One kit is required per 12 modules (one 19 in. shelf).
A Splice Holder Kit can be used to hold fusion or mechanical splices.
Each splice holder can handle up to 6 splices.
Fiber
Express Optical Fiber Adapter Strips
Single Density, Black
Loaded with 6 ST Compatible Adapters
AX100088
AX100534
Loaded with 3 SC Duplex Adapters
AX100094
AX101407
Loaded with 6 SC Simplex Adapters
AX100092
AX100538
Loaded with 6 FC Adapters
AX100090
AX100536
Loaded with 6 LC Duplex Adapters
AX101729
AX101731
MT-RJ, loaded with 6 MT-RJ, Multimode/Single-mode
AX101115
Double Density, Black
Loaded with 12 ST Compatible Adapters
AX100080
AX100528
Loaded with 6 SC Duplex Adapters
AX100098
AX101409
Loaded with 12 SC Simplex Adapters
AX100084
AX100532
Loaded with 12 FC Adapters
AX100082
AX100530
Loaded with 12 LC Duplex Adapters
AX101741
AX101743
MT-RJ, loaded with 12 MT-RJ, Multimode/Single-mode
AX101117
Blank Strip
Black
AX100066
Fiber
Express Accessories
Optical Fiber Field Breakout Kit
6 fibers, 1/pack
AX101100
12 fibers, 1/pack
AX101101
Optical Fiber Splice Organizer Kit
Splice kit, tray, 203 mm (8 in.)
A0649869
Splice kit, tray, 305 mm (12 in.)
A0318904
Optical Fiber Splice Tray
Fusion, 203 mm (8 in.)
A0335015
Fusion, 305 mm (12 in.)
A0316446
Universal (mechanical or fusion), 203 mm (8 in.)
AX100079
Universal (mechanical or fusion), 305 mm (12 in.)
A0394328
Tray cover, 203 mm (8 in.)
A0394331
Tray cover, 305 mm (12 in.)
A0394330
Flex Kit
AX100945
Splice Holder Kit
AX101098
These products are in the process of being assessed for RoHS compliance. Please check our Web Site for the most current RoHS status.
Belden Part Number
Description
Phosphor Bronze,
Multimode
Zirconia Ceramic,
Single-mode
A0649869 Optical Fiber Splice Organizer Kits and Trays
AX100945 Flex Kit
AX101098 Splice Holder Kit
AX100066 Blank Strip
AX100094 Adapters loaded with 3 SC Duplex
AX101729 Adapters loaded with 6 LC Duplex
AX101100 Field Breakout Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com