Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200095 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AX200095
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200095 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AX200095 Datasheet HTML 13Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 14Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 15Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 16Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 17Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 18Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 19Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 20Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.17
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Network Connectivity Products
Media Converters, Transceivers & Hubs and Network Tester
Media Converters for Ethernet and Fast Ethernet
Media Converters enable the connection of dissimilar network cabling types, while maintaining the same
network speed. A legacy Thinnet segment can be connected to a 10Base-T Hub or switch port with an
AX-200 Converter or, link two different 10Base-T networks together over a multimode fiber optic link with
a pair of AX-270s. Connect a legacy Thinnet segment over fiber with the AX-280 converter. The AX-5270
can be used for interbuilding links or attached to a fiber backbone.
Transceivers and Ethernet Hubs
The AX-50, 70 and 80 Transceivers enable the connection of a legacy AUI port to 10Base-T, Thinnet,
or Fiber Optic media. The transceiver is powered from the host and requires no external power supply.
The AX-509 Ethernet Hub has an AUI port which accepts UTP, Fiber Optic or BNC transceivers.
Specified for use by many U.S. Government Agencies. Includes a 110v/12v power supply.
Realtime 10/100 Base-TX Ethernet Network Test Unit
The AX-110BT Realtime 10/100 Base-TX Ethernet Network Test Unit is a cost effective way to quickly
determine a network's operating condition. Plug the unit's patch cord into the tester, then into any open
RJ-45 jack in an office, cubicle or conference room. Immediately see if the jack is a live network node
capable of either 100 Mb/s or 10 Mb/s. Next check patch cord continuity and polarity. Connect the
downlink to a PC to check NIC card link, speed and full or half duplex capabilities. Connect the uplink
to a hub or switch port to verify link and speed.
Belden Part Number
Description
Network Connectivity Products
Media Converter
10Base-T/10Base2, RJ-45 to BNC
AX-200
10Base-T/10Base-FL, RJ-45 to ST-Compatible fiber connectors
AX-270
10Base2/10Base-FL, BNC to ST-Compatible fiber connectors
AX-280
100Base-TX/100Base-FX, SC-Compatible fiber connectors
AX-5270SC
100Base-TX/100Base-FX, ST-Compatible fiber connectors
AX-5270ST
Media Converter Rack
Holds up to 12 converters and multi lead power supplies,
AX-1912-MCR
19 in. rack-mount ready
Power Supply, 4-lead 110v/12v, powers up to 4 converters
AX-270P4U
Power Supply, 8-lead 110v/12v, powers up to 8 converters
AX-270P8U
Transceivers and Ethernet Hubs
UTP Transceiver, 10Base-T, AUI to RJ-45, side port
AX-50
UTP Transceiver, 10Base-T, AUI to RJ-45, rear port
AX-50R
Fiber Transceiver, 10Base-FL, AUI to ST-Compatible
AX-70
Thinnet Transceiver, 10Base2, AUI to BNC
AX-80
Ethernet Hub with 8 RJ-45 10Base-T ports and 1 AUI port
AX-509
Network Tester
Realtime 10/100 Base-TX Ethernet Network Test Unit
AX-110BT
These products are in the process of being assessed for RoHS compliance. Please check our Web Site for the most current RoHS status.
Media Converters
AX-1912 Media Converter Rack
AX050, 70 and 80 Transceivers and
AX-509 Ethernet Hub
AX-110BT Realtime 10/100 Base-TX Ethernet Network
Test Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com