Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200095 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # AX200095
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200095 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button AX200095 Datasheet HTML 21Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 22Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 23Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 24Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 25Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 26Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 27Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 28Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.25
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Single-mode
Enhanced
62.5 / 125µm
Std. / 1 Gbe
Tactical Cable
Tight Buffer — Outdoor
Specifications
Temperature Range
Storage
-70 to +85°C
Operating
-55 to +85°C
Crush Resistance (EIA-455-41)
440 N/cm
Impact Resistance (EIA-455-25)
200 Impacts @ 2.2 N-m
Cyclic Flexing (EIA-455-104)
2000 cycles, min.
Min. Bend Radius
Installation
15 x OD
Long Term
8 x OD
Optical Specifications
See page 10.2
Fiber Bundle Detail
Applications
■ ENG vehicles
■ Outdoor news, sporting or other events
■ Digital camera transmission
■ Military communications
■ Re-deployable communications
Product Description
Small and lightweight with a rugged jacket, Tactical Cable provides
a durable design for repeated deployment and retrieval cycles and
a superior level of crush resistance. Designed to military standards.
50/125 micron fiber available on request.
Jacket Material
UV-resistant PU
Buffer
Polyester
Strength Member
Aramid Yarn
Color Code (Jacket & Fibers)
Per EIA/TIA 598-A,
see page 10.2
Belden Part Number
No. of
Fibers
Inch
mm
Outside Diameter
Lbs./1000
′′
kg/km
Weight
Max. Install Load
Lbs.
N
Tactical Series
Outdoor
2
M96571
M96566
0.217
5.5
19
28
330
1468
4
M96551
M96639
0.225
5.7
21
31
330
1468
6
M96572
M96567
0.236
6.0
23
34
330
1468
8
M96573
M96568
0.250
6.3
26
39
330
1468
10
M96574
M96569
0.265
6.7
28
42
330
1468
12
M96575
M96570
0.280
7.1
31
46
330
1468
Please contact the Technical Support Group for proper connectivity integration and installation guidance.
Aramid
Strength Member
Tight
Buffered
Fiber
Outer Jacket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com