Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200095 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # AX200095
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200095 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button AX200095 Datasheet HTML 22Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 23Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 24Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 25Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 26Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 27Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 28Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 29Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.26
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Ribbon Cable
Riser and Plenum Rated
Specifications
Temperature Range
Storage
-40 to +80°C
Operating
-20 to +70°C
Crush Resistance (EIA-455-41)
2000 N/cm
Impact Resistance (EIA-455-25)
2000 Impacts @ 1.6 N-m
Cyclic Flexing (EIA-455-104)
2000 cycles, min.
Min. Bend Radius
Installation
15 x OD
Long Term
10 x OD
Optical Specifications
See page 10.2
Fiber Bundle Detail
Applications
■ Inter-equipment connections
■ NEBS applications
Product Description
Small size is ideal for connections in tight spaces. Color coded fibers.
Suitable for use with standard ribbon connectors. Flexible, with
half-inch minimum bend radius. Tight center-to-center tolerances.
Optional identification printing available.
Jacket Material
PVC
Strength Member
Aramid Yarn
Color Code (Jacket & Fibers)
Per EIA/TIA 598-A,
see page 10.2
Jacket Color
Single-mode
Yellow
62.5/125µm
Orange
50/125 µm / 1 Gbe
Orange
50/125 µm / 10 Gbe
Aqua
Ratings
Riser
UL Type
OFNR
cUL Type
OFN FT4
Flame Resistance
UL 1666
Plenum
UL Type
OFNP
cUL Type
OFN FT6
Flame Resistance
NFPA 262
Outer Jacket
Ribbon Fiber
Single-mode
Enhanced
50 / 125µm
10 Gbe – 300M
50 / 125µm
Std. / 1 Gbe
Belden Part Number
No. of
Fibers
62.5 / 125µm
Std. / 1 Gbe
Inch
mm
Outside Diameter
Lbs./1000
′′
kg/km
Weight
Max. Install Load
Lbs.
N
Ribbon Series
Riser (NEC/CEC OFNR/OFN FT4)
2
M9B630
M9A630
M9C630
M9W630
0.114
2.9
5
7
100
444
4
M9B631
M9A631
M9C631
M9W631
0.78 x 0.115
2.0 x 2.9
4
6
100
444
6
M9B632
M9A632
M9C632
M9W632
0.78 x 0.137
2.0 x 3.5
6
9
100
444
8
M9B633
M9A633
M9C633
M9W633
0.78 x 0.158
2.0 x 4.0
6
9
100
444
12
M9B634
M9A634
M9C634
M9W634
0.78 x 0.180
2.0 x 4.6
7
10
100
444
Plenum (NEC/CEC OFNP/OFN FT6)
2
M9B640
M9A640
M9C640
M9W640
0.114
2.9
5
7
100
444
4
M9B641
M9A641
M9C641
M9W641
0.78 x 0.115
2.0 x 2.9
4
6
100
444
6
M9B642
M9A642
M9C642
M9W642
0.78 x 0.137
2.0 x 3.5
6
9
100
444
8
M9B643
M9A643
M9C643
M9W643
0.78 x 0.158
2.0 x 4.0
6
9
100
444
12
M9B644
M9A644
M9C644
M9W644
0.78 x 0.180
2.0 x 4.6
7
10
100
444
Fiber Ribbon Cable is to be sold as bulk cable and has not been qualified for field connectorization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com