Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200095 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # AX200095
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200095 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button AX200095 Datasheet HTML 27Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 28Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 29Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 30Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 31Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 32Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 33Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 34Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 35Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.31
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Central Tube Cable
Loose Tube—Outdoor, and Outdoor Armored
Specifications
Temperature Range
Storage
-40 to +70°C
Operating
-40 to +70°C
Crush Resistance (EIA-455-41)
2000 N/cm
Impact Resistance (EIA-455-25)
2000 Impacts @ 1.6 N-m
Min. Bend Radius
Installation
20 x OD
Long Term
15 x OD
Optical Specifications
See page 10.2
Fiber Bundle Detail
Applications
■ Campus OSP backbones
■ Drop cable
■ Telecommunications and data trunk
■ Direct burial (armored only)
■ Lashed aerial
Product Description
Economical option for low fiber counts. Quick and easy
end preparation. Fully waterblocked with gel-filled buffer tube.
No rods – easy handling. Crush, impact and abrasion resistant.
Jacket Material
PE
Buffer Tube
PBT
Core Wrap
Water Swellable Tape
Strength Member
Fiberglass
Armor
Corrugated Steel
Color Codes (Jacket & Fibers)
Per EIA/TIA 598-A,
see page 10.2
Jacket Color
Black
Single-mode
Enhanced
50 / 125µm
10 Gbe – 300M
50 / 125µm
Std. / 1 Gbe
Belden Part Number
No. of
Fibers
62.5 / 125µm
Std. / 1 Gbe
Inch
mm
Outside Diameter
Lbs./1000
′′
kg/km
Weight
Max. Install Load
Lbs.
N
Central Tube Series
Outdoor
2
M9B150
M9A150
M9C150
M9W150
0.325
8.26
36
54
600
2700
4
M9B151
M9A151
M9C151
M9W151
0.325
8.26
36
54
600
2700
6
M9B152
M9A152
M9C152
M9W152
0.325
8.26
36
54
600
2700
8
M9B153
M9A153
M9C153
M9W153
0.325
8.26
36
54
600
2700
10
M9B154
M9A154
M9C154
M9W154
0.325
8.26
36
54
600
2700
12
M9B155
M9A155
M9C155
M9W155
0.325
8.26
36
54
600
2700
Outdoor Armored
2
M9B170
M9A170
M9C170
M9W170
0.410
10.41
72
108
600
2700
4
M9B171
M9A171
M9C171
M9W171
0.410
10.41
72
108
600
2700
6
M9B172
M9A172
M9C172
M9W172
0.410
10.41
72
108
600
2700
8
M9B173
M9A173
M9C173
M9W173
0.410
10.41
72
108
600
2700
10
M9B174
M9A174
M9C174
M9W174
0.410
10.41
72
108
600
2700
12
M9B175
M9A175
M9C175
M9W175
0.410
10.41
72
108
600
2700
All optical fiber products can be supplied in compliance with RoHS regulations. Please contact Customer Service for more details.
Fiberglass
Strength Member
Gel-filled
Buffer Tube
MDPE
Outer Jacket
Optical Fibers
Steel Armor
Rip Cord
SINGLE ARMOR
ALL DIELECTRIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com