Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200095 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # AX200095
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200095 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button AX200095 Datasheet HTML 18Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 19Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 20Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 21Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 22Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 23Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 24Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 25Page - List of Unclassifed Manufacturers AX200095 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.22
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Breakout Style Cable
Tight Buffer — Indoor Riser, Plenum & LSZH Rated
Specifications
Temperature Range
Storage
-40 to +80°C
Operating
-20 to +70°C
Crush Resistance (EIA-455-41)
2000 N/cm
Impact Resistance (EIA-455-25)
2000 Impacts @ 1.6 N-m
Cyclic Flexing (EIA-455-104)
2000 cycles, min.
Min. Bend Radius
Installation
15 x OD
Long Term
10 x OD
Optical Specifications
See page 10.2
Fiber Bundle Detail
Applications
■ Low to medium fiber count requirements
■ In-building backbone or horizontal deployment
■ Office wiring
■ Factory floor automation and harsh environment installations
Product Description
Full dielectric construction, no grounding required. Available with
2 to 36 fibers. Fiber subunits are color coded for easy identification.
Length markings in meters for easy determination of cable length.
For Riser offering, MSHA approved cables are available.
Outer Jacket Material
Riser & Plenum
PVC
Plenum
PVDF
Low Smoke Zero Halogen
LSZH
Sub-unit Jacket Material
Riser & Plenum
PVC
Low Smoke Zero Halogen
LSZH
Tight Buffer
Riser & Plenum
PVC
Low Smoke Zero Halogen
LSZH
Strength Member
Aramid Yarn
Color Code (Tight Buffer)
Per EIA/TIA 598-A,
see page 10.2
Jacket Color
Single-mode
Yellow
62.5/125 µm
Orange (Green for LSZH only)
50/125 µm / 1 Gbe
Orange
50/125 µm / 10 Gbe
Aqua
Ratings
Riser
UL Type
OFNR
cUL Type
OFN FT4
Flame Resistance
UL 1666
Plenum
UL Type
OFNP
cUL Type
OFN FT6
Flame Resistance
NFPA 262
Low Smoke Zero Halogen
UL Type
OFNR
cUL Type
OFN FT4
Flame Resistance
UL 1666
Aramid
Strength
Member
Color Coded
Thermoplastic Jacket
900 micron
Tight Buffered
Fiber
Outer Jacket
Central Strength
Member
2.0 mm Sub-units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com