Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-DP-R Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # M22-DP-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-DP-R Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button M22-DP-R Datasheet HTML 40Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 41Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 42Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 43Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 44Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 45Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 46Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 47Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 89 page
background image
44
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Catalog Number Selection
Mushroom Head Pushbuttons
Note:
Catalog Number Selection is for illustrative purposes only and not to be used to create new catalog numbers.
Product Selection
Mushroom Head Pushbuttons, Momentary
Complete Devices
Operators Only
Notes
35 mm diameter mushroom head button.
Includes contact block mounting adapter.
Discount Symbol: 1CD1.
Bezel
Button Color
Contact Block Configuration
Catalog Number
Price U.S. $
Silver
Red
NC
M22-DP-R-K01
26.25
2NC
M22-DP-R-K02
36.25
1NO-2NC
M22-DP-R-K12
46.00
1NO-1NC
M22-DP-R-K11
36.25
Black
Red
NC
M22S-DP-R-K01
24.60
2NC
M22S-DP-R-K02
34.75
1NO-2NC
M22S-DP-R-K12
44.50
1NO-1NC
M22S-DP-R-K11
34.75
Bezel
Button Color
Catalog Number
Price U.S. $
Silver
Black
M22-DP-S
16.10
Red
M22-DP-R
16.10
Green
M22-DP-G
16.10
Yellow
M22-DP-Y
16.10
Black
Black
M22S-DP-S
14.60
Red
M22S-DP-R
14.60
Green
M22S-DP-G
14.60
Yellow
M22S-DP-Y
14.60
Bezel
M22 = Silver
M22S = Black
Operator Type
DP = Non-illuminated momentary
mushroom head pushbutton
DRP = Non-illuminated maintained
mushroom head pushbutton
Operator Color
R =Red
When ordering, specify inscription per
catalog number suffix from the symbols
library (see Pages 77–84) into the Order
Notes. For example, M22-DP-R-ETCH; Order
Notes: Mark with symbol X91, Line item #_.
Plate Inscription
ETCH = Custom
GB0 =STOP
GB1 = START
GB3 =UP
GB4 = DOWN
GB5 =OFF
GB6 =ON
GB15 = FORWARD
GB16 = REVERSE
X0 =
X1 =
X4 =
X5 =
X6 =
X7 =
M 2 2 –D P –R – G B 4 – K 0 1
Contact Blocks
K01 =NC
K10 =NO
K11 = NO-NC
K12 = 1NO-2NC
M22-DP-R-K01
M22S-DP-R-K01
M22-DP-G
M22S-DP-G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com