Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-DP-R Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # M22-DP-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-DP-R Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button M22-DP-R Datasheet HTML 54Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 55Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 56Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 57Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 58Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 59Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 60Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 61Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 89 page
background image
58
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Product Selection
Assembled Control Stations
1 Element Control Stations
2 Element Control Stations
3 Element Control Stations
Notes
Contact block configuration.
Discount Symbol: 1CD1.
Orientation
Description
Color
Inscription
Enclosure Cover
Color
Catalog
Number
Price
U.S. $
Horizontal
40 mm Mushroom Head Push-Pull Emergency Stop Operator
Red
NC
—
Yellow
M22-C1-M1H
90.00
Horizontal
40 mm Illuminated Mushroom Head Push-Pull Emergency Stop
Operator, 85–264 Vac
Red
NO-NC
—
Yellow
M22-C1-M2H
126.00
Horizontal
40 mm Mushroom Head Twist-to-Release Emergency Stop Operator Red
NC
—
Yellow
M22-C1-M3H
106.00
Horizontal
40 mm Mushroom Head Key-Release Emergency Stop Operator
Red
NC
—
Yellow
M22-C1-M4H
136.00
Horizontal
Flush Pushbutton
Green
NO
Gray
M22-C1-M5H
76.00
Horizontal
Flush Pushbutton
Green
NO
START
Gray
M22-C1-M6H
76.00
Horizontal
Extended Pushbutton
Red
NC
Gray
M22-C1-M7H
76.00
Horizontal
Extended Pushbutton
Red
NC
STOP
Gray
M22-C1-M8H
76.00
Horizontal
Key-Operated Selector Switch, 2-position Maintained
—
NO
ON-OFF
Gray
M22-C1-M9H
121.00
Horizontal
Knob Type Selector Switch, 3-position Maintained
—
2NO
HAND-OFF-AUTO
Gray
M22-C1-M10H
94.50
Horizontal
Double Pushbutton
Green
NO
START
Gray
M22-C1-M11H
110.00
Horizontal
Double Pushbutton
Red
NC
STOP
Gray
M22-C1-M11H
110.00
Orientation
Element 1
Description
Color
Inscription
Element 2
Description
Color
Inscription
Enclosure
Cover Color
Catalog
Number
Price
U.S. $
Horizontal
Extended Pushbutton
Red
NC
Flush Pushbutton
Green
NO
Gray
M22-C2-M1H
80.00
Vertical
Flush Pushbutton
Green
NO
START
Extended Pushbutton
Red
NC
STOP
Gray
M22-C2-M2V
80.00
Vertical
Flush Pushbutton
Black
NO
FORWARD
Flush Pushbutton
Black
NO
REVERSE
Gray
M22-C2-M3V
80.00
Orientation
Element 1
Description
Color
Inscription
Element 2
Description
Color
Inscription
Element 3
Description
Color
Inscription
Enclosure
Cover Color
Catalog
Number
Price
U.S. $
Horizontal
Extended
Pushbutton
Red
NC
Indicating
Light
White 85–264
Vac
—
Flush
Pushbutton
Green NO
Gray
M22-C3-M1H
122.00
Vertical
Indicating
Light
White 85–264
Vac
—
Flush
Pushbutton
Green NO
START
Extended
Pushbutton
Red
NC
STOP
Gray
M22-C3-M2V
122.00
Horizontal
Flush
Pushbutton
Green NO
Extended
Pushbutton
Red
NC
Flush
Pushbutton
Green NO
Gray
M22-C3-M3H
122.00
Vertical
Flush
Pushbutton
Black
NO
OPEN
Flush
Pushbutton
Red
NC
STOP
Flush
Pushbutton
Black
NO
CLOSE
Gray
M22-C3-M4V
102.00
Vertical
Flush
Pushbutton
Black
NO
FORWARD
Flush
Pushbutton
Red
NC
STOP
Flush
Pushbutton
Black
NO
REVERSE
Gray
M22-C3-M5V
102.00
Vertical
Flush
Pushbutton
Black
NO
UP
Flush
Pushbutton
Red
NC
STOP
Flush
Pushbutton
Black
NO
DOWN
Gray
M22-C3-M6V
102.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com