Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-DP-R Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # M22-DP-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-DP-R Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button M22-DP-R Datasheet HTML 70Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 71Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 72Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 73Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 74Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 75Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 76Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 77Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 89 page
background image
74
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Approximate dimensions in Inches (mm).
Covers
Connecting Screw
Shroud with Plaster Keys
Surface Mounting Enclosure for 12 Mounting Positions
Legend Plates
Mounting Hole with Lug Slot
a2
M20
M20
M20
3.74 (95)
M22-H...
Catalog
Number
a2
Cable Entry
Style
M22-H1
1.65 (42)
3 x M20
One-piece
M22-H2
2.95 (75)
4 x M20
M22-H3
4.25 (108)
4 x M20
M22-H4
5.55 (141)
4 x M20
Split
M22-H5
6.85 (174)
5 x M20
M22-HE6
8.15 (207)
6 x M20
0.04 (1)
M22-XI
Gasket.
a2 +1.65 (42)
a2 +1.26 (32)
a2
M22-H...
M22-H...
M22-UPE
0.31 (8)
1.02 (26)
e
e + 0.51 (13)
0.35 (9)
0.35 (9)
M22-UPE
Box for closing off when plastering.
Plaster thickness less than 8 mm.
Plaster thickness more than 8 mm
2.91 (74)
6.3 (160)
1.52 (38.5) 1.52 (38.5)
1.34 (34)
0.2 (5)
5.6 (142)
2.83 (72)
0.06 (1.5)
M25
M32
M20
M25
M32
M22-I12
1.18 (30)
0.59 (15)
1.18 (30)
M22S-ST-…
M22S-STDD-X
0.13 (3.2)
0.88 (22.3)
0.04 (1)–0.24 (6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com