Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-DP-R Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # M22-DP-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-DP-R Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button M22-DP-R Datasheet HTML 64Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 65Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 66Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 67Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 68Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 69Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 70Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 71Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 89 page
background image
68
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Contact Blocks and Light Units
Contact
Blocks
LED
Light Units
General
Standards
IEC/EN 60947
VDE 0660
IEC/EN 60947
VDE 0660
Lifespan, mechanical
Operations
x 106
>5
—
Operating frequency
Operations/h
≥3600
—
Actuating force
n
≥5—
Operating torque (screw terminals)
Nm
≥0.8
—
Protection Type
IP
IP20
IP20
UL Type
—
—
Climatic proofing
Damp heat, constant, according to IEC 60068-2-78
Damp heat, cyclical to IEC 60068-2-30
Ambient Temperature, Operating
°F (°C)
–13–158 (–25–70)
–13–158 (–25–70)
Mounting position
As required
As required
Mechanical shock resistance to
IEC 60068-2-27 Shock duration
11 ms, half-sinusoidal
g
>30
>30
Terminal Capacities
Solid
AWG
18–14
18–14
mm2
0.75–2.5
0.75–2.5
Stranded
AWG
20–14
20–14
mm2
0.5–2.5
0.5–2.5
Contacts
Rated impulse withstand voltage
Uimp
Vac
6000
6000
Rated insulation voltage
Ui
V
500
500
Overvoltage category/
pollution degree
III/3
III/3
Control Circuit Reliability
at 24 Vdc/5 mA
HF
Fault probability
< 10-7, < 1 fault in 107 operations
—
at 5 Vdc/1 mA
HF
Fault probability
< 5 x 10-6, < 1 fault in 5 x 10-6 operations
—
Max. Short-Circuit Protective Device
Fuse
gG/gL
A
10
—
Switching capacity
—
—
Rated Operational Current
AC-15
115 V
Ie
A4
—
230 V
Ie
A4
—
400 V
Ie
A2
—
500 V
Ie
A2
—
DC-13
24 V
Ie
A3
—
42 V
Ie
A1.7
—
60 V
Ie
A1.2
—
110 V
Ie
A0.8
—
220 V
Ie
A0.3
—
Lifespan, Electrical
AC–15
230 V/0.5 A
Operations
x 106
1.6
—
230 V/1.0 A
Operations
x 106
1—
230 V/3.0 A
Operations
x 106
0.7
—
DV-13
12 V/2.8 A
Operations
x 106
1.2
—
Contact Element Note: >200 Vac/60 Hz: –25/+55 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com