Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-DP-R Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # M22-DP-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-DP-R Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button M22-DP-R Datasheet HTML 59Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 60Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 61Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 62Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 63Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 64Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 65Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 66Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 89 page
background image
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
63
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4
Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Legend Plates, Complete
Notes
When ordering, specify inscription per catalog number suffix from the symbols library (see Pages 77–84) into the Order Notes. For example, M22-XD-S-ETCH;
Order Notes: Mark with symbol X91, Line item #_.
Discount Symbol: 1CD1.
Description
Inscription
Catalog Number
Price U.S. $
For use with Pushbuttons
and Indicating Lights
Legend plate holder with insert
STOP
M22S-ST-GB0
3.80
START
M22S-ST-GB1
3.80
OFF
M22S-ST-GB5
3.80
ON
M22S-ST-GB6
3.80
RUN
M22S-ST-GB7
3.80
FAULT
M22S-ST-GB8
3.80
1
M22S-ST-X52
3.80
2
M22S-ST-X53
3.80
Selector Switches
—
OFF ON
M22S-ST-GB10
3.80
MAN. AUTO
M22S-ST-GB11
3.80
HAND O AUTO
M22S-ST-GB12
3.80
HAND AUTO
M22S-ST-D11
3.80
MAN. O AUTO
M22S-ST-D12
3.80
O I
M22S-ST-X88
3.80
O - I
M22S-ST-X89
3.80
I O II
M22S-ST-X93
3.80
Emergency-Stop Operators
Rectangular Yellow Legend Plate
—
M22-XZK
5.25
Custom
M22-XZK-ETCH
6.25
EMERGENCY-STOP
M22-XZK-GB99
6.25
Square Yellow Legend Plate
Custom
M22-XYK
5.25
Custom
M22-XYK-ETCH
6.25
EMERGENCY-STOP 4-Language
M22-XYK1
6.25
EMERGENCY-STOP (top and bottom) M22-XYK5
6.25
Round Yellow Legend Plate, 90 mm
—
M22-XAK
5.25
Custom
M22-XAK-ETCH
6.25
EMERGENCY-STOP 4-Language
M22-XAK1
6.25
EMERGENCY-STOP (top and bottom) M22-XAK5
6.25
Round Yellow Legend Plate, 60 mm
—
M22-XBK
5.25
Custom
M22-XBK-ETCH
6.25
EMERGENCY-STOP 4-Language
M22-XBK1
6.25
EMERGENCY-STOP (top and bottom) M22-XBK5
6.25
Four-Way Pushbutton,
Joystick and 4-Position
Selector Switches
Silver Square Legend Plate
—
M22-XCK
7.75
Custom
M22-XCK-ETCH
8.75
4 Directional Arrows
M22-XCK1
8.75
0-1-0-2-0-3-0-4
M22-XCK2
8.75
2 Directional Arrows
M22-XCK3
8.75
M22S-ST-GB0
M22-XZK
M22-XBK1
M22-XCK1
M22-XYK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com