Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-DP-R Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # M22-DP-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-DP-R Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button M22-DP-R Datasheet HTML 57Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 58Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 59Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 60Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 61Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 62Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 63Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 64Page - List of Unclassifed Manufacturers M22-DP-R Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 89 page
background image
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
61
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4
Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Light Units
LED Resistor and Test Elements
Note
Discount Symbol: 1CD1.
Terminal Type
Mounting
Location
LED Color
Light Unit Voltage
Catalog Number
Price
U.S. $
Screw
Front
White
12–30 Vac/dc
M22-LED-W
26.00
Red
M22-LED-R
26.00
Green
M22-LED-G
26.00
Blue
M22-LED-B
26.00
White
85–264 Vac
M22-LED230-W
26.00
Red
M22-LED230-R
26.00
Green
M22-LED230-G
26.00
Blue
M22-LED230-B
26.00
White
207–264 Vac
M22-LED230H-W
26.00
Red
M22-LED230H-R
26.00
Green
M22-LED230H-G
26.00
Blue
M22-LED230H-B
26.00
Base
White
12–30 Vac/dc
M22-LEDC-W
26.00
Red
M22-LEDC-R
26.00
Green
M22-LEDC-G
26.00
Blue
M22-LEDC-B
26.00
White
85–264 Vac
M22-LEDC230-W
26.00
Red
M22-LEDC230-R
26.00
Green
M22-LEDC230-G
26.00
Blue
M22-LEDC230-B
26.00
White
207–264 Vac
M22-LEDC230H-W
26.00
Red
M22-LEDC230H-R
26.00
Green
M22-LEDC230H-G
26.00
Blue
M22-LEDC230H-B
26.00
Spring-Cage
Front
White
12–30 Vac/dc
M22-CLED-W
28.00
Red
M22-CLED-R
28.00
Green
M22-CLED-G
28.00
Blue
M22-CLED-B
28.00
White
85–264 Vac
M22-CLED230-W
28.00
Red
M22-CLED230-R
28.00
Green
M22-CLED230-G
28.00
Blue
M22-CLED230-B
28.00
Base
White
12–30 Vac/dc
M22-CLEDC-W
28.00
Red
M22-CLEDC-R
28.00
Green
M22-CLEDC-G
28.00
Blue
M22-CLEDC-B
28.00
White
85–264 Vac
M22-CLEDC230-W
28.00
Red
M22-CLEDC230-R
28.00
Green
M22-CLEDC230-G
28.00
Blue
M22-CLEDC230-B
28.00
Terminal Type
Mounting
Location
Element
Type
Voltage
Catalog Number
Price
U.S. $
Screw
Front
Resistor
42–60 Vac/dc
M22-XLED60
23.40
220 Vdc
M22-XLED220
63.00
Test
12–240 Vac/dc
M22-XLED-T
23.40
85–264 Vac
M22-XLED230-T
34.25
M22-LED-W
M22-XLED60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com