Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD23-0 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STCD23-0
Description  Multichannel clock distribution circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD23-0 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STCD23-0 Datasheet HTML 6Page - STMicroelectronics STCD23-0 Datasheet HTML 7Page - STMicroelectronics STCD23-0 Datasheet HTML 8Page - STMicroelectronics STCD23-0 Datasheet HTML 9Page - STMicroelectronics STCD23-0 Datasheet HTML 10Page - STMicroelectronics STCD23-0 Datasheet HTML 11Page - STMicroelectronics STCD23-0 Datasheet HTML 12Page - STMicroelectronics STCD23-0 Datasheet HTML 13Page - STMicroelectronics STCD23-0 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Device overview
STCD22x0, STCD23x0, STCD24x0
10/39
Doc ID 15400 Rev 2
Table 2.
Pin functions (STCD22x0, 2-channel)
Pin
number
Pin
name
Description
A1
VCC
Supply voltage (decouple with a 1 µF capacitor to GND)
B1
VTCXO LDO output for external clock source (decouple with a 1 µF capacitor to GND)
C1
MCLK
Master clock input
D1
OPT2
Optional pin 2. Connect to VCC or GND on PC board to field configure EN2
active high/low. Refer to
Section 3.2: Enable polarity for detailed information.
A2
BYP
Bypass capacitor input pin (10 nF capacitor should be connected to GND in
order to improve thermal noise performance)
B2
GND
Supply ground
C2
MCREQ Master clock request signal (open drain, active low)
D2
OPT1
Optional pin 1. Connect to VCC or GND on PC board to field configure EN1
active high/low. Refer to
Section 3.2: Enable polarity for detailed information.
A3
CLK1
Clock output channel - output 1
B3
EN1
Clock output channel enable-1 (active high/low OPT1 field programmable)
C3
EN2
Clock output channel enable-2 (active high/low OPT2 field programmable)
D3
CLK2
Clock output channel - output 2
Table 3.
Pin functions (STCD23x0, 3-channel)
Pin
number
Pin
name
Description
A1
VCC
Supply voltage (decouple with a 1 µF capacitor to GND)
B1
VTCXO LDO output for external clock source (decouple with a 1 µF capacitor to GND)
C1
MCLK
Master clock input
D1
EN3
Clock output channel enable-3 (active high/low factory laser programmable)
A2
BYP
Bypass capacitor input pin (10 nF capacitor should be connected to GND in
order to improve thermal noise performance)
B2
GND
Supply ground
C2
MCREQ Master clock request signal (open drain, active low)
D2
CLK3
Clock output channel - output 3
A3
CLK1
Clock output channel - output 1
B3
EN1
Clock output channel enable-1 (active high/low factory laser programmable)
C3
EN2
Clock output channel enable-2 (active high/low factory laser programmable)
D3
CLK2
Clock output channel - output 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com