Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD23-0 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STCD23-0
Description  Multichannel clock distribution circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD23-0 Datasheet(HTML) 4 Page - STMicroelectronics

  STCD23-0 Datasheet HTML 1Page - STMicroelectronics STCD23-0 Datasheet HTML 2Page - STMicroelectronics STCD23-0 Datasheet HTML 3Page - STMicroelectronics STCD23-0 Datasheet HTML 4Page - STMicroelectronics STCD23-0 Datasheet HTML 5Page - STMicroelectronics STCD23-0 Datasheet HTML 6Page - STMicroelectronics STCD23-0 Datasheet HTML 7Page - STMicroelectronics STCD23-0 Datasheet HTML 8Page - STMicroelectronics STCD23-0 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
List of figures
STCD22x0, STCD23x0, STCD24x0
4/39
Doc ID 15400 Rev 2
List of figures
Figure 1.
Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
Hardware hookup (master clock enable active low) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 4.
Hardware hookup (master clock enable active high) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
Connections diagram Flip Chip 12-bump (STCD22x0, 2-channel). . . . . . . . . . . . . . . . . . . . 8
Figure 6.
Connections diagram Flip Chip 12-bump (STCD23x0, 3-channel). . . . . . . . . . . . . . . . . . . . 9
Figure 7.
Connections diagram Flip Chip 16-bump (STCD24x0, 4-channel). . . . . . . . . . . . . . . . . . . . 9
Figure 8.
Jitter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 9.
Typical application circuit using STCD24x0 for RF ends of TD-SCDMA/GSM dual-mode
mobile phone . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 10.
Typical application circuit using STCD24x0 for baseband peripherals in mobile phone. . . 18
Figure 11.
Quiescent current vs. supply voltage (EN1 = EN2 = EN3 = EN4 = 1,
no master clock input). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 12.
Quiescent current vs. temperature (EN1 = EN2 = EN3 = EN4 = 1,
Cload = 20 pF, no master clock input) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 13.
Active current vs. temperature (EN1 = EN2 = EN3 = EN4 = 1, Cload = 20 pF,
VCC = 3.8 V, fMCLK = 26 MHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 14.
Standby current vs. supply voltage (EN1 = EN2 = EN3 = EN4 = 0, no master clock input) 20
Figure 15.
Active current vs. supply voltage (EN1 = EN2 = EN3 = EN4 = 1, fMCLK = 26 MHz,
Cload = 20 pF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 16.
Active current vs. master clock input voltage level (EN1 = EN2 = EN3 = EN4 = 1,
fMCLK = 26 MHz, Cload = 20 pF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 17.
Active current vs. master clock frequency (EN1 = EN2 = EN3 = EN4 = 1, Cload = 20 pF) . 21
Figure 18.
STCD2400 recovery time from standby to active (VTCXO is on) . . . . . . . . . . . . . . . . . . . . 22
Figure 19.
STCD2400 recovery time from off to on (VTCXO first in standby) . . . . . . . . . . . . . . . . . . . 22
Figure 20.
Output clock rise/fall time (Cload = 40 pF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 21.
STCD2400 power-up sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 22.
STCD2400 power-down sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 23.
Phase noise input (from the clock source, 26 MHz square wave XO KC2520C26 from
Kyocera) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 24.
Phase noise output (include the clock source and STCD2400 additive phase noise) . . . . 26
Figure 25.
Flip Chip 12-bump, package mechanical outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 26.
Flip Chip 16-bump, package mechanical outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 27.
Flip Chip 12-bump tape and reel specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 28.
Flip Chip 16-bump tape and reel specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com