Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD23-0 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STCD23-0
Description  Multichannel clock distribution circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD23-0 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STCD23-0 Datasheet HTML 26Page - STMicroelectronics STCD23-0 Datasheet HTML 27Page - STMicroelectronics STCD23-0 Datasheet HTML 28Page - STMicroelectronics STCD23-0 Datasheet HTML 29Page - STMicroelectronics STCD23-0 Datasheet HTML 30Page - STMicroelectronics STCD23-0 Datasheet HTML 31Page - STMicroelectronics STCD23-0 Datasheet HTML 32Page - STMicroelectronics STCD23-0 Datasheet HTML 33Page - STMicroelectronics STCD23-0 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
DC and AC parameters
STCD22x0, STCD23x0, STCD24x0
30/39
Doc ID 15400 Rev 2
CIN
Input capacitance
3
4
pF
IOO
Output to output isolation
45
dB
IOI
Output to input isolation
45
dB
VENH
Enable voltage high(9)
For EN1-EN4
1.2
V
VENL
Enable voltage low(9)
For EN1-EN4
0.6
V
VOPTH
OPT pins voltage high
For OPT1 and OPT2
VCC –0.3
VCC
V
VOPTL
OPT pins voltage low
For OPT1 and OPT2
GND
GND+0.3
V
PN
Additive phase noise(3)(10)
at 1 kHz offset
–135
dBc/
Hz
at 10 kHz offset
–145
at 100 kHz offset
–150
tJP
Additive period jitter(3)
rms value
10
ps
tJC
Additive cycle-cycle jitter(3)
rms value
10
ps
tRECB
Buffer recovery time from off to
on
STCD2xx0 active
1
10
µs
tRECC
STCD2xx0 recovery time from
standby to active (include LDO
wakeup time)
500
µs
tPD
Input to output propagation
delay(3)
Voltage transfer at 50%
3.5
6
ns
CL
Capacitive load for each channel
20
40
pF
RL
Resistive load for each channel
10
k
Ω
ZOUT
Output impedance for each
channel
50
Ω
1.
Valid for ambient operating temperature: TA = –20 °C to 85 °C; VCC = 2.5 V to 5.1 V; typical TA = 25 °C;
load capacitance = 20 pF, fMCLK = 26 MHz (except where noted).
2.
Total accuracy includes line and load regulation, temperature and process condition. It does not include load and line
transients.
3.
Simulated and determined via design and not 100% tested.
4.
Ripple voltage = 0.1 Vpp.
5.
Clock input voltage level should not exceed VTCXO voltage.
6.
The rise time is measured when clock edge transfers from 10% VCC to 90%VCC. The fall time is measured when clock
edge transfers from 90%VCC to 10%VCC. The output rise/fall time is guaranteed for all input slew rates.
7.
The quiescent current is measured when the enable pins are active, but with no input master clock signal (fMCLK = 0 Hz).
8.
The active current depends on the input master clock Vpp and frequency and the load condition. The typical test condition
is 26 MHz with 1.8 Vpp master clock input, CL = 20 pF.
9.
The test condition is VENH = 1.8 V and VENL = 0 V. When output enables simultaneously, there is no intentional skew in
design between the output clocks.
10. Guaranteed for all input clock slew rates.
Table 10.
DC and AC characteristics (continued)
Sym.
Parameter
Condition(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com