Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD23-0 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STCD23-0
Description  Multichannel clock distribution circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD23-0 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STCD23-0 Datasheet HTML 11Page - STMicroelectronics STCD23-0 Datasheet HTML 12Page - STMicroelectronics STCD23-0 Datasheet HTML 13Page - STMicroelectronics STCD23-0 Datasheet HTML 14Page - STMicroelectronics STCD23-0 Datasheet HTML 15Page - STMicroelectronics STCD23-0 Datasheet HTML 16Page - STMicroelectronics STCD23-0 Datasheet HTML 17Page - STMicroelectronics STCD23-0 Datasheet HTML 18Page - STMicroelectronics STCD23-0 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
STCD22x0, STCD23x0, STCD24x0
Application information
Doc ID 15400 Rev 2
15/39
4.5
Phase noise
Phase noise is a frequency domain phenomenon and is a critical specification in reference
clocks. It is illustrated by a continuous spreading of the energy of the wave mainly caused by
random noise. The phase noise is normally specified with a unit of dBc/Hz at a given offset
in frequency (for example, 10 kHz) from the carrier wave (for example, 26 MHz). The value
of the phase noise is the difference of the power contained within 1 Hz bandwidth of the
offset frequency to the power at the carrier frequency. The total phase noise of the clock tree
is obtained by adding the additive phase noise of STCD22x0, STCD23x0 and STCD24x0
and the phase noise of the clock source (for example, TCXO) in power which is illustrated in
Equation 1.
Equation 1
where:
PNT is the total phase noise in dBc/Hz
PNC is the additive phase noise of STCD22x0, STCD23x0 and STCD24x0 and
PNX is the phase noise of clock source
Make sure the total phase noise is kept within the phase noise requirement of each
application PNA. The user should choose the right TCXO with proper phase noise to meet
the requirement.
A
10
PN
10
PN
T
PN
)
10
10
log(
10
PN
X
C
<
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com