Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD23-0 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STCD23-0
Description  Multichannel clock distribution circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD23-0 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STCD23-0 Datasheet HTML 24Page - STMicroelectronics STCD23-0 Datasheet HTML 25Page - STMicroelectronics STCD23-0 Datasheet HTML 26Page - STMicroelectronics STCD23-0 Datasheet HTML 27Page - STMicroelectronics STCD23-0 Datasheet HTML 28Page - STMicroelectronics STCD23-0 Datasheet HTML 29Page - STMicroelectronics STCD23-0 Datasheet HTML 30Page - STMicroelectronics STCD23-0 Datasheet HTML 31Page - STMicroelectronics STCD23-0 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
DC and AC parameters
STCD22x0, STCD23x0, STCD24x0
28/39
Doc ID 15400 Rev 2
7
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics tables that
follow are derived from tests performed under the measurement conditions summarized in
Table 9. Designers should check that the operating conditions in their circuit match the
operating conditions when relying on the quoted parameters.
Table 9.
Operating and AC measurement conditions
Parameter
Condition
Unit
VCC supply
2.5 to 5.1
V
Input source clock voltage (MCLK)
0 to 1.8
V
Output clock voltage (CLK1-4)
0 to 1.8
V
Device enable voltage (EN1-4)
0 to 1.8
V
Source clock request voltage (MCREQ)0 to 1.8
V
Optional pins voltage (OPT1, OPT2)
0 to VCC
V
Ambient operating temperature (TA)
–20 to +85
°C
Flip-chip thermal resistance (Rthja)90
°C/W
Table 10.
DC and AC characteristics
Sym.
Parameter
Condition(1)
Min
Typ
Max
Unit
VTCXO (low dropout output)
VCC
Supply voltage
2.5
5.1
V
VTCXO
Output voltage
ILOAD = 5 mA
1.75
1.8
1.85
V
IO
Maximum output current
20
mA
VOACC
Total output accuracy(2)
–5%
5%
ICL
Current limit protection
VTCXO = 0 V
30
90
mA
VREG
Line regulation(3)
ILOAD = 20 mA
0.5
10
mV
IREG
Load regulation(3)
ILOAD = 10 µA to 20 mA
0.4
10
mV
ITR
Load transient(3)
ILOAD = 10 µA to 20 mA
ITR = 1 µs
100
110
mV
ILOAD = 20 mA to 10 µA
ITR = 1 µs
100
110
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com