Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD23-0 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STCD23-0
Description  Multichannel clock distribution circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD23-0 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STCD23-0 Datasheet HTML 13Page - STMicroelectronics STCD23-0 Datasheet HTML 14Page - STMicroelectronics STCD23-0 Datasheet HTML 15Page - STMicroelectronics STCD23-0 Datasheet HTML 16Page - STMicroelectronics STCD23-0 Datasheet HTML 17Page - STMicroelectronics STCD23-0 Datasheet HTML 18Page - STMicroelectronics STCD23-0 Datasheet HTML 19Page - STMicroelectronics STCD23-0 Datasheet HTML 20Page - STMicroelectronics STCD23-0 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
STCD22x0, STCD23x0, STCD24x0
Application information
Doc ID 15400 Rev 2
17/39
4.8
Typical application connections
The STCD2400 clock distribution circuit requires a source clock input as the reference clock
(for example, XO). At most 4 devices can be connected to the outputs. The typical
application circuit using STCD2400 is shown in
Figure 9 and 10 . The MC
REQ is open drain
output and active low. A pull-up resistor is needed to connect to an external 1.8 V supply
VIO. If the clock source enable is active high, the user can use VTCXO as the master clock
enable control signal, please refer to
Figure 4 for the detailed connection.
In
Figure 9, the clock from XO is distributed to the TD-SCDMA transmitter and receiver and
GSM transceiver separately to be used as reference clocks.
In
Figure 10, the buffer #4 output is fed into the Bluetooth system. In order to allow minimum
power consumption, a Bluetooth system always has a clock request feature. If the Bluetooth
system does not require the clock, the clock request disables the clock output. The enable
pins can also be connected to an external 1.8 V supply to force the buffer to always be on.
In
Figure 9 and 10, all the output clock enables are active high since both OPT1 and OPT2
are connected to VCC.
Figure 9.
Typical application circuit using STCD24x0 for RF ends of TD-
SCDMA/GSM dual-mode mobile phone
STCD24x0
VCC
MCREQ
VTCXO
MCLK
EN1
EN2
GND
BYP
CLK1
CLK2
EN3
CLK3
EN4
CLK4
XO
EN
VIO
C
C
C
GSM
Transceiver
TD-SCDMA
Receiver
TD-SCDMA
Transmitter
Mode
Selection
OPT1
OPT2
VCC
V
DD
ai14022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com