Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8803 Datasheet(PDF) 14 Page - STMicroelectronics

Part # PM8803
Description  High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8803 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PM8803 Datasheet HTML 10Page - STMicroelectronics PM8803 Datasheet HTML 11Page - STMicroelectronics PM8803 Datasheet HTML 12Page - STMicroelectronics PM8803 Datasheet HTML 13Page - STMicroelectronics PM8803 Datasheet HTML 14Page - STMicroelectronics PM8803 Datasheet HTML 15Page - STMicroelectronics PM8803 Datasheet HTML 16Page - STMicroelectronics PM8803 Datasheet HTML 17Page - STMicroelectronics PM8803 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Electrical specifications
PM8803
14/34
Doc ID 018559 Rev 2
DCCL adjust
DCCL voltage
1.4
V
DC current limit selection
range
140
1000
mA
Adjustable DC current
limit precision
RDCCL = 30 to 150 kΩ
-15
+15
%
Inrush to DC current switchover
VDS required for inrush to
DC switchover
VDS falling - hot-swap Mosfet
closing.
1.35
1.50
1.75
V
VGS required for inrush to
DC switchover
VDS falling - hot-swap Mosfet
closing. Guaranteed by design
2V
VDS required for inrush to
DC switchover
VDS rising - hot-swap Mosfet
opening
11
12
13
V
Front auxiliary source detection
SP threshold
voltage rising
1.0
1.1
1.2
V
SP hysteresis
200
mV
Minimum VDD voltage for
front aux. operations
13
15
V
Table 5.
Electrical characteristics - interface section (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com