Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8803 Datasheet(PDF) 17 Page - STMicroelectronics

Part # PM8803
Description  High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8803 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PM8803 Datasheet HTML 13Page - STMicroelectronics PM8803 Datasheet HTML 14Page - STMicroelectronics PM8803 Datasheet HTML 15Page - STMicroelectronics PM8803 Datasheet HTML 16Page - STMicroelectronics PM8803 Datasheet HTML 17Page - STMicroelectronics PM8803 Datasheet HTML 18Page - STMicroelectronics PM8803 Datasheet HTML 19Page - STMicroelectronics PM8803 Datasheet HTML 20Page - STMicroelectronics PM8803 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
PM8803
Electrical specifications
Doc ID 018559 Rev 2
17/34
Note:
1
Minimum and maximum limits are guaranteed by test, design, or statistical correlation.Typical values
represent the most likely parametric norm at TA = 25 °C, and are provided for reference only.
2
Device thermal limitations could limit useful operating range.
3
The VC regulator is intended for internal use only as the startup supply of the PM8803; any additional
external VC current, including the VB regulator current and external MOSFET driving current, has to
be limited within the specified max current limit.
Minimum VDD voltage for
rear aux. operations
13
15
V
T2P flag
T2P pull-up current
20
25
30
μA
T2P pull-down resistance
45
75
Ω
Device current consumption
VD quiescent current
VD > VUVLO_R, VC = 12 V, CTL = 0
1.25
1.5
mA
VC quiescent current
VD > VUVLO_R, VC = 12 V, CTL = 0
2
2.5
mA
Table 6.
Electrical characteristics - SMPS section (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com